Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT16245A Datasheet (PDF) - STMicroelectronics

74VHCT16245A Datasheet PDF - STMicroelectronics
Part # 74VHCT16245A
Download  74VHCT16245A Download
File Size   254.75 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)

74VHCT16245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT16245A Datasheet PDF - STMicroelectronics

Part # 74VHCT16245A
Download  74VHCT16245A Click to download

File Size   254.75 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)

74VHCT16245A Datasheet (HTML) - STMicroelectronics


74VHCT16245A Product details

DESCRIPTION
The 74VHCT16245A is an advanced high-speed CMOS 16-BIT BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 4.5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 4 µA (MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS:
    VIH = 2V (MIN.), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS
    & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS:
    tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 4.5V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.9V (MAX.)
   




Similar Part No. - 74VHCT16245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Feb-2003
74VHCT16240ATTR STMICROELECTRONICS-74VHCT16240ATTR Datasheet
151Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Feb-2003
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16244A STMICROELECTRONICS-74VHCT16244A Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16244ATTR STMICROELECTRONICS-74VHCT16244ATTR Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Similar Description - 74VHCT16245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74ACT16245 STMICROELECTRONICS-74ACT16245 Datasheet
250Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com