Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5N2507P Datasheet (PDF) - Renesas Technology Corp

H5N2507P Datasheet PDF - Renesas Technology Corp
Part # H5N2507P
Download  H5N2507P Download
File Size   126.69 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250V - 50A - MOS FET 250V - 50A - MOS FET

H5N2507P Datasheet (PDF)

Go To PDF Page Download Datasheet
H5N2507P Datasheet PDF - Renesas Technology Corp

Part # H5N2507P
Download  H5N2507P Click to download

File Size   126.69 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250V - 50A - MOS FET 250V - 50A - MOS FET

H5N2507P Datasheet (HTML) - Renesas Technology Corp


H5N2507P Product details

Features
 Low on-resistance
RDS(on) = 0.04  typ. (at ID = 25 A, VGS= 10 V, Ta = 25°C)
 Low leakage current
 High speed switching
 Low gate charge
 Built-in fast recovery diode




Similar Part No. - H5N2507P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2507P RENESAS-H5N2507P_15 Datasheet
127Kb / 7P
250V - 50A - MOS FET High Speed Power Switching
More results


Similar Description - H5N2507P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2512FL-M0 RENESAS-H5N2512FL-M0 Datasheet
101Kb / 7P
250V - 18A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
H5N2507P RENESAS-H5N2507P_15 Datasheet
127Kb / 7P
250V - 50A - MOS FET High Speed Power Switching
H5N2512FL-M0 RENESAS-H5N2512FL-M0_15 Datasheet
101Kb / 7P
250V - 18A - MOS FET High Speed Power Switching
2SK3159 RENESAS-2SK3159_16 Datasheet
272Kb / 8P
150V - 50A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E Datasheet
246Kb / 8P
500V - 50A - MOS FET High Speed Power Switching
Feb.4.2022
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E Datasheet
254Kb / 8P
500V - 50A - MOS FET High Speed Power Switching
Nov.4.2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com