Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5905 Datasheet (PDF) - Renesas Technology Corp

HI5905 Datasheet PDF - Renesas Technology Corp
Part # HI5905
Download  HI5905 Download
File Size   598.04 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-Bit, 5MSPS A/D Converter

HI5905 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5905 Datasheet PDF - Renesas Technology Corp

Part # HI5905
Download  HI5905 Click to download

File Size   598.04 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 14-Bit, 5MSPS A/D Converter

HI5905 Datasheet (HTML) - Renesas Technology Corp


HI5905 Product details

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5MSPS
• Low Power at 5MSPS . . . . . . . . . . . . . . . . . . . . . .350mW
• Internal Sample and Hold
• Fully Differential Architecture
• Full Power Input Bandwidth . . . . . . . . . . . . . . . . . 100MHz
• SINAD at 1MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . >70dB
• Low Data Latency
• Internal Voltage Reference
• TTL Compatible Clock Input
• CMOS Compatible Digital Data Outputs
Applications
• Digital Communication Systems
• Undersampling Digital IF
• Asymmetric Digital Subscriber Line (ADSL)
• Document Scanners
• Reference Literature
- AN9214, Using Intersil High Speed A/D Converters
- AN9785, Using the Intersil HI5905 EVAL2 Evaluation
Board




Similar Part No. - HI5905

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
HI5905 INTERSIL-HI5905 Datasheet
581Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
93Kb / 8P
14-Bit, 5 MSPS, Military A/D Converter
1999 07
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
581Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
More results


Similar Description - HI5905

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
14-bit, 52MSPS A/D Converter
DAC14135 NSC-DAC14135 Datasheet
842Kb / 12P
14-bit, 135MSPS D/A Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
113Kb / 12P
12-Bit, 5MSPS A/D Converter
02 1999
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
14-Bit, 5 MSPS A/D Converter
1999 01
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
14-Bit A/D Converter
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
14-Bit, 80 MSPS, A/D Converter
10/04-Revision 0
AD6645 AD-AD6645 Datasheet
2Mb / 20P
14-Bit, 80 MSPS A/D Converter
REV.0
logo
Intersil Corporation
HI5805 INTERSIL-HI5805_05 Datasheet
613Kb / 12P
12-Bit, 5MSPS A/D Converter
March 31, 2005
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
14-Bit, 5MSPS A/D Converter
March 2003
logo
Renesas Technology Corp
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
12-Bit, 5MSPS A/D Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com