Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0082 Datasheet (PDF) - Renesas Technology Corp

HIP0082 Datasheet PDF - Renesas Technology Corp
Part # HIP0082
Download  HIP0082 Download
File Size   1062.31 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Power Drivers with Serial Diagnostic Interface

HIP0082 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP0082 Datasheet PDF - Renesas Technology Corp

Part # HIP0082
Download  HIP0082 Click to download

File Size   1062.31 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad Power Drivers with Serial Diagnostic Interface

HIP0082 Datasheet (HTML) - Renesas Technology Corp


HIP0082 Product details

Features
•Low Side Power MOSFET Output Drivers
-Output Voltage Clamp (Typ). . . . . . . . . . . . . . . . . 80V
-Maximum Output Current . . . . . . . . . . . . . . . . 5A/2A
-Output rDS(ON) (TJ = 150oC) (Max) . . . . 0.57/0.62
•Controlled Slew Rate Switching (HIP0084)
•Single Pulse Energy Rating . . . . . . . . . . . . . . . . . 70mJ
•Programmable Output Over Current Shutdown Threshold
-Bit Select 2A or 5A on Outputs 3 and 4
•Output Protection
-Output Over Current Shutdown
-Output Over Voltage Clamp
-Over Temperature Diagnostic Feedback
•Diagnostics for Shorts, Opens and Over Temperature
•Synchronous Serial Interface with
-22-Bit Serial Diagnostic Register
-SPI Compatible Interface
•Single 5V Supply Operation with CMOS Logic Inputs
•Supply Current, ICC , Full Load (Typ) . . . . . . . . .<10mA
•Low JC Power SIP Packages
SIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3oC/W
PSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2oC/W
•-40oC to 125oC Operating Temperature
Applications
•Drivers For
•System Use
-Solenoids
-Injectors
-Automotive
-Relays
-Steppers
-Appliances
-Power Output
-Motors
-Industrial
-Lamps
-Displays
-Robotics




Similar Part No. - HIP0082

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
HIP0082AB INTERSIL-HIP0082AB Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
HIP0082AS1 INTERSIL-HIP0082AS1 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
HIP0082AS2 INTERSIL-HIP0082AS2 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
More results


Similar Description - HIP0082

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
Quad Inverting Power Drivers with Serial Diagnostic Interface
September 1998
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com