Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS1 Datasheet (PDF) - Renesas Technology Corp

HIP2060AS1 Datasheet PDF - Renesas Technology Corp
Part # HIP2060AS1
Download  HIP2060AS1 Download
File Size   464.05 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 10A Half Bridge Power MOSFET Array

HIP2060AS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2060AS1 Datasheet PDF - Renesas Technology Corp

Part # HIP2060AS1
Download  HIP2060AS1 Click to download

File Size   464.05 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 10A Half Bridge Power MOSFET Array

HIP2060AS1 Datasheet (HTML) - Renesas Technology Corp


HIP2060AS1 Product details

Features
• Two 10A Power MOS N-Channel Transistors
• Output Voltage to 60V
• rDS(ON) . . . . . 0.135 Max Per Transistor at VGS = 15V
• rDS(ON) . . . . . . 0.15 Max Per Transistor at VGS = 10V
• Pulsed Current . . . . . . . . . . . . . . . 25A Each Transistor
• Avalanche Energy. . . . . . . . . . . 100mJ Each Transistor
• Grounded Tab Eliminates Heat Sink Isolation




Similar Part No. - HIP2060AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2060AS1 INTERSIL-HIP2060AS1 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
More results


Similar Description - HIP2060AS1

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
POWER TRANSISTORS(10A,60V,75W)
logo
Texas Instruments
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
logo
Fairchild Semiconductor
NDS8858H FAIRCHILD-NDS8858H Datasheet
350Kb / 12P
Complementry MOSFET Half Bridge
logo
Intersil Corporation
HIP2060 INTERSIL-HIP2060 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
Half-Bridge Power MOSFET Controller
3946 ALLEGRO-3946_04 Datasheet
313Kb / 13P
Half-Bridge Power MOSFET Controller
logo
Texas Instruments
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
logo
Allegro MicroSystems
A3946 ALLEGRO-A3946 Datasheet
328Kb / 14P
Half-Bridge Power MOSFET Controller
A3946 ALLEGRO-A3946_16 Datasheet
327Kb / 14P
Half-Bridge Power MOSFET Controller
logo
Rohm
RD3L01BAT ROHM-RD3L01BAT Datasheet
2Mb / 14P
Pch -60V -10A Power MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com