Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5010 Datasheet (PDF) - Renesas Technology Corp

HIP5010 Datasheet PDF - Renesas Technology Corp
Part # HIP5010
Download  HIP5010 Download
File Size   440.59 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge

HIP5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP5010 Datasheet PDF - Renesas Technology Corp

Part # HIP5010
Download  HIP5010 Click to download

File Size   440.59 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7V, 17A SynchroFET™ Complementary Drive Synchronous Half-Bridge

HIP5010 Datasheet (HTML) - Renesas Technology Corp


HIP5010 Product details

Features
• Complementary Drive, Half-Bridge Power NMOS
• Use With Low-Cost Single-Output PWM Controllers
• Improve Efficiency Over Conventional Buck Converter
with Schottky Clamp
• Minimum Deadtime Provided by Adaptive Shoot-Through
Protection Eliminates External Schottky
• Grounded Case for Low EMI and Simple Heatsinking
• Low Operating Current
• Frequency Exceeding 1MHz
• Dual Polarity Input Options
• All Pins Surge Protected
Applications
• 5V to 3.3V Synchronous Buck Converters
• Pentium and P6 Power Supplies
• PowerPC™ Power Supplies
• Bus Terminations (BTL and GTL)
• Drive 5V Motors Directly from Microprocessor




Similar Part No. - HIP5010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
HIP5010IS INTERSIL-HIP5010IS Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
HIP5010IS1 INTERSIL-HIP5010IS1 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
More results


Similar Description - HIP5010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
Complementary PowerTrench Half-Bridge MOSFET
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
Complementary MOSFET Half Bridge
logo
Intersil Corporation
HIP5010 INTERSIL-HIP5010 Datasheet
38Kb / 6P
7V, 17A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 03
HIP5015 INTERSIL-HIP5015 Datasheet
38Kb / 6P
7V, 7A SynchroFET??Complementary Drive Synchronous Half-Bridge
1996 06
ISL6571 INTERSIL-ISL6571 Datasheet
374Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Guangdong Kexin Industr...
KDS4501H KEXIN-KDS4501H Datasheet
77Kb / 3P
Complementary PowerTrench Half-Bridge MOSFET
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
Half-Bridge Gate Drive IC
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com