Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843156 Datasheet (PDF) - Renesas Technology Corp

ICS843156 Datasheet PDF - Renesas Technology Corp
Part # ICS843156
Download  ICS843156 Download
File Size   488.35 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVPECL Clock Synthesizer

ICS843156 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843156 Datasheet PDF - Renesas Technology Corp

Part # ICS843156
Download  ICS843156 Click to download

File Size   488.35 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal-to-LVPECL Clock Synthesizer

ICS843156 Datasheet (HTML) - Renesas Technology Corp


ICS843156 Product details

General Description
The ICS843156 is a high frequency clock generator. The ICS843156
uses an external 25MHz crystal to synthesize 156.25MHz clock. The
ICS843156 has excellent cycle-to-cycle and RMS period jitter performance.
The ICS843156 operates at full 3.3V and 2.5V, or mixed 3.3V/2.5V
operating supplies and is available in a fully RoHS compliant 32-lead
VFQFN package

Features
• Ten differential LVPECL outputs of 156.25MHz
• Crystal oscillator interface designed for 18pF, 25MHz parallel
resonant crystal
• Cycle-to-cycle jitter: 40ps (maximum)
• RMS phase jitter at 156.25MHz (1.875MHz - 20MHz):
0.39ps (typical)
• Output Duty Cycle: 45% – 55%
• Full 3.3V and 2.5V, or mixed 3.3V/2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For drop-in replacement part use 843156




Similar Part No. - ICS843156

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
More results


Similar Description - ICS843156

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
Crystal-to-LVPECL 133MHz Clock Synthesizer
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
Crystal-to-3.3V LVPECL Clock Synthesizer
849S625 IDT-849S625 Datasheet
390Kb / 24P
Crystal-to-LVPECL/LVDS Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
ICS849S625I RENESAS-ICS849S625I Datasheet
589Kb / 25P
Crystal-to-LVPECL/LVDS Clock Synthesizer
December 2, 2015
843S304I-100 RENESAS-843S304I-100 Datasheet
666Kb / 25P
Crystal-to-LVPECL 100MHz Clock Synthesizer
January 6, 2016
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com