Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8432-51 Datasheet (PDF) - Renesas Technology Corp

ICS8432-51 Datasheet PDF - Renesas Technology Corp
Part # ICS8432-51
Download  ICS8432-51 Download
File Size   461.6 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

ICS8432-51 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8432-51 Datasheet PDF - Renesas Technology Corp

Part # ICS8432-51
Download  ICS8432-51 Click to download

File Size   461.6 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER

ICS8432-51 Datasheet (HTML) - Renesas Technology Corp


ICS8432-51 Product details

GENERAL DESCRIPTION
The ICS8432-51 is a general purpose, dual output Crystal-to3.3V Differential LVPECL High Frequency Synthesizer. The
ICS8432-51 has a selectable REF_CLK or crystal input. The
VCO operates at a frequency range of 250MHz to 700MHz. The
VCO frequency is programmed in steps equal to the value of
the input reference or crystal frequency. The VCO and output
frequency can be programmed using the serial or parallel interface to the configuration logic. The low phase noise characteristics of the ICS8432-51 make it an ideal clock source for Gigabit Ethernet, Fibre Channel 1 and 2, and Infiniband applications.

FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface or
LVCMOS/LVTTL REF_CLK
• Output frequency range: 31.25MHz to 700MHz
• Crystal input frequency range: 12MHz to 25MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter and
output dividers
• RMS period jitter: 3.5ps (maximum)
• Cycle-to-cycle jitter: 25ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
• Replaces the ICS8432-01




Similar Part No. - ICS8432-51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
logo
Integrated Device Techn...
ICS8432-51 IDT-ICS8432-51 Datasheet
237Kb / 21P
700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
More results


Similar Description - ICS8432-51

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432-101 ICST-ICS8432-101 Datasheet
198Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B JUNE 1, 2005
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS8432I-101 ICST-ICS8432I-101 Datasheet
170Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 23, 2005
logo
Integrated Device Techn...
ICS8432I-51 IDT-ICS8432I-51 Datasheet
320Kb / 20P
700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8432-51 IDT-ICS8432-51 Datasheet
237Kb / 21P
700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com