Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8442B Datasheet (PDF) - Renesas Technology Corp

ICS8442B Datasheet PDF - Renesas Technology Corp
Part # ICS8442B
Download  ICS8442B Download
File Size   533.08 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER

ICS8442B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8442B Datasheet PDF - Renesas Technology Corp

Part # ICS8442B
Download  ICS8442B Click to download

File Size   533.08 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER

ICS8442B Datasheet (HTML) - Renesas Technology Corp


ICS8442B Product details

GENERAL DESCRIPTION
The ICS8442B is a general purpose, dual output Crystal-toDifferential LVDS High Frequency Synthesizer . The ICS8442B
has a selectable TEST_CLK or crystal input. The TEST_CLK
input accepts LVCMOS or LVTTL input levels and translates
them to LVDS levels. The VCO operates at a frequency range
of 250MHz to 700MHz.The VCO frequency is programmed in
steps equal to the value of the input reference or crystal frequency. The VCO and output frequency can be programmed
using the serial or parallel interface to the configuration logic.
The low phase noise characteristics of the ICS8442B makes
it an ideal clock source for Gigabit Ethernet and Sonet applications.

FEATURES
• Dual differential LVDS outputs
• Selectable crystal oscillator interface or
LVCMOS/LVTTL TEST_CLK
• Output frequency range: 31.25MHz to 700MHz
• Crystal input frequency range: 10MHz to 25MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter
and output dividers
• RMS period jitter: 2.7ps (typical)
• Cycle-to-cycle jitter: 18ps (typical)
• 3.3V supply voltage
• 0°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant




Similar Part No. - ICS8442B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8442B IDT-ICS8442B Datasheet
187Kb / 16P
CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS
ICS8442BI IDT-ICS8442BI Datasheet
189Kb / 16P
CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS
logo
Renesas Technology Corp
ICS8442BI RENESAS-ICS8442BI Datasheet
509Kb / 17P
700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
More results


Similar Description - ICS8442B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8442 ICST-ICS8442 Datasheet
284Kb / 15P
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
REV. C JULY 8, 2004
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS8442I ICST-ICS8442I Datasheet
183Kb / 15P
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
REV. C MAY 10, 2005
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
logo
Integrated Device Techn...
844003I-04 IDT-844003I-04 Datasheet
318Kb / 19P
FemtoClock Crystal-to-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8442BI RENESAS-ICS8442BI Datasheet
509Kb / 17P
700MHZ, CRYSTAL OSCILLATOR-TODIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
NOVEMBER 18, 2013
ICS8442I-90 RENESAS-ICS8442I-90 Datasheet
340Kb / 20P
700MHz, Crystal-to-LVDS Frequency Synthesizer
2019
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com