Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S006I Datasheet (PDF) - Renesas Technology Corp

ICS853S006I Datasheet PDF - Renesas Technology Corp
Part # ICS853S006I
Download  ICS853S006I Download
File Size   709.83 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer

ICS853S006I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S006I Datasheet PDF - Renesas Technology Corp

Part # ICS853S006I
Download  ICS853S006I Click to download

File Size   709.83 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer

ICS853S006I Datasheet (HTML) - Renesas Technology Corp


ICS853S006I Product details

General Description
The ICS853S006I is a low skew, high performance 1-to-6
Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer. The
ICS853S006I is characterized to operate from either a 2.5V or a
3.3V power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853S006I ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
• Six differential 2.5V, 3.3V LVPECL/ECL outputs
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML
• Maximum output frequency: 2GHz
• Output skew: 50ps (max)
• Part-to-part skew: 230ps (max)
• Propagation delay: 550ps (max)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -2.375V to -3.465V
• -40°C to 85°C ambient operating temperature
• Available lead-free (RoHS 6) package




Similar Part No. - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S006I IDT-ICS853S006I Datasheet
310Kb / 19P
One differential PCLK
logo
Renesas Technology Corp
ICS853S006I RENESAS-ICS853S006I Datasheet
677Kb / 20P
Low Skew, 1-to-6, Differential-to- 2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
ICS853S006I RENESAS-ICS853S006I_V01 Datasheet
677Kb / 20P
Low Skew, 1-to-6, Differential-to- 2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
More results


Similar Description - ICS853S006I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com