Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S011CI Datasheet (PDF) - Renesas Technology Corp

ICS853S011CI Datasheet PDF - Renesas Technology Corp
Part # ICS853S011CI
Download  ICS853S011CI Download
File Size   746.26 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer

ICS853S011CI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S011CI Datasheet PDF - Renesas Technology Corp

Part # ICS853S011CI
Download  ICS853S011CI Click to download

File Size   746.26 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer

ICS853S011CI Datasheet (HTML) - Renesas Technology Corp


ICS853S011CI Product details

General Description
The ICS853S011CI is a low skew, high performance 1-to-2
Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer. The
ICS853S011CI is characterized to operate from either a 2.5V or a
3.3V power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853S011CI ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
• Two differential 2.5V, 3.3V LVPECL/ECL outputs
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >2.5GHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nPCLK input
• Output skew: 20ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 330ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS853S011CI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S011CI IDT-ICS853S011CI Datasheet
547Kb / 19P
Maximum output frequency
More results


Similar Description - ICS853S011CI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
REV. A JUNE 29, 2001
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com