Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S013I Datasheet (PDF) - Renesas Technology Corp

ICS853S013I Datasheet PDF - Renesas Technology Corp
Part # ICS853S013I
Download  ICS853S013I Download
File Size   1003.16 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer

ICS853S013I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S013I Datasheet PDF - Renesas Technology Corp

Part # ICS853S013I
Download  ICS853S013I Click to download

File Size   1003.16 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer

ICS853S013I Datasheet (HTML) - Renesas Technology Corp


ICS853S013I Product details

General Description
The ICS853S013I is a low skew, high performance dual 1-to-3
Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer. The
ICS853S013I operates with a positive or negative power supply at
2.5V or 3.3V. Guaranteed output and part-to-part skew
characteristics make the ICS853S013I ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
• Two differential LVPECL/ECL bank outputs
• Two differential LVPECL clock input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: 2GHz (maximum)
• Translates any single-ended input signal to LVPECL levels with
resistor bias on nPCLKx input
• Bank skew: 60ps (maximum)
• Part-to-part skew: 190ps (maximum)
• Propagation delay: 460ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS853S013I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
Output frequency
More results


Similar Description - ICS853S013I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
REV. D JULY 6, 2005
ICS853013 ICST-ICS853013 Datasheet
218Kb / 17P
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A NOVEMBER 12, 2003
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com