Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet (PDF) - NXP Semiconductors

HCS12 Datasheet PDF - NXP Semiconductors
Part # HCS12
Download  HCS12 Download
File Size   7731.06 Kbytes
Page   126 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCS12 Microcontrollers

HCS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS12 Datasheet PDF - NXP Semiconductors

Part # HCS12
Download  HCS12 Click to download

File Size   7731.06 Kbytes
Page   126 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCS12 Microcontrollers

HCS12 Datasheet (HTML) - NXP Semiconductors


HCS12 Product details

Features
HCS12 Core
–16-bit HCS12 CPU
i. Upward compatible with M68HC11 instruction set
ii. Interrupt stacking and programmer’s model identical to M68HC11
iii. Instruction queue
iv. Enhanced indexed addressing
–MEBI (Multiplexed External Bus Interface)
–MMC (Memory Map and Interface)
–INT (Interrupt Controller)
–DBG (Debugger)
–BDM (Background Debug Mode)
Oscillator
–4Mhz to 16Mhz frequency range
–Pierce with amplitude loop control
–Clock monitor
Clock and Reset Generator (CRG)
–Phase-locked loop clock frequency multiplier
–Self Clock mode in absence of external clock
–COP watchdog
–Real Time interrupt (RTI)
Memory
–32K, 64K, 128K or 256K Byte Flash EEPROM
i. Internal program/erase voltage generation
ii. Security and Block Protect bits
iii. Hamming Error Correction Coding (ECC)
–1K, 2K or 4K Byte EEPROM
–2K, 4K, 6K, 8K or 12K Byte static RAM
Single-cycle misaligned word accesses without wait states
Analog-to-Digital Converter(s) (ADC)
–One 16-channel module with 10-bit resolution except for MC9S12KT256 and MC9S12KG256
–Two 8-channel module with 10-bit resolution for MC9S12KT256 and MC9S12KG256
–External conversion trigger capability
8-channel Timer (TIM)
–Programmable input capture or output compare channels
–Simple PWM mode
–Counter Modulo Reset
–External Event Counting
–Gated Time Accumulation
8-channel Pulse Width Modulator (PWM)
–Programmable period and duty cycle per channel
–8-bit 8-channel or 16-bit 4-channel
–Edge and center aligned PWM signals
–Emergency shutdown input
Two or Three 1M bit per second, CAN 2.0 A, B software compatible modules
–Five receive and three transmit buffers
–Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
–Four separate interrupt channels for Rx, Tx, error and wake-up
–Low-pass filter wake-up function
–Loop-back for self test operation
Serial interfaces
–Two asynchronous serial communication interface (SCI)
–Three synchronous serial peripheral interface (SPI)
–Inter-IC Bus (IIC)
Internal 2.5V Regulator
–Input voltage range from 3.15V to 5.5V
–Low power mode capability
–Low Voltage Reset (LVR) and Low Voltage Interrupt (LVI)
20 key wake up inputs
–Rising or falling edge triggered interrupt capability
–Digital filter to prevent short pulses from triggering interrupts
–Programmable pull ups and pull downs
Operating frequency for ambient temperatures (TA -40°C to 125°C)
–50MHz equivalent to 25MHz Bus Speed
112-Pin LQFP, 100-Pin LQFP, or 80-Pin QFP package
–I/O lines with 3.3V/5V input and drive capability
–3.3V/5V A/D converter inputs




Similar Part No. - HCS12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
224Kb / 2P
HCS12 Document Methodology
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
HCS12 Microcontrollers
logo
NXP Semiconductors
HCS12 NXP-HCS12 Datasheet
7Mb / 548P
The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).
Version 1.2
logo
JL World Company Limite...
HCS1201A JLWORLD-HCS1201A Datasheet
459Kb / 1P
value applying rated voltage
More results


Similar Description - HCS12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
HCS12 Microcontrollers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com