Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTB/AF Datasheet (PDF) - NXP Semiconductors

HTMS8301FTB/AF Datasheet PDF - NXP Semiconductors
Part # HTMS8301FTB/AF
Download  HTMS8301FTB/AF Download
File Size   781.17 Kbytes
Page   44 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ISO 18000 transponder IC

HTMS8301FTB/AF Datasheet (PDF)

Go To PDF Page Download Datasheet
HTMS8301FTB/AF Datasheet PDF - NXP Semiconductors

Part # HTMS8301FTB/AF
Download  HTMS8301FTB/AF Click to download

File Size   781.17 Kbytes
Page   44 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ISO 18000 transponder IC

HTMS8301FTB/AF Datasheet (HTML) - NXP Semiconductors


HTMS8301FTB/AF Product details

Features
Integrated circuit for contactless identification transponders and cards
Integrated resonance capacitor of 210 pF with ± 3% tolerance or 280 pF with ± 5%
tolerance over full production
Frequency range 100 kHz to 150 kHz

description
The HITAG product line is well known and established in the contactless identification
market.
Due to the open marketing strategy of NXP Semiconductors there are various
manufacturers well established for both the transponders/cards as well as the read/write
devices. All of them supporting HITAG 1, HITAG 2 and HITAG S transponder ICs.
With the new HITAG μ family, this existing infrastructure is extended with the next
generation of ICs being substantially smaller in mechanical size, lower in cost, offering
more operation distance and speed, but still being operated with the same reader
infrastructure and transponder manufacturing equipment.
The protocol and command structure for HITAG μ ISO 18000 is design to support Reader
Talks First (RTF) operation, including anti-collision algorithm.




Similar Part No. - HTMS8301FTB/AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
HTMS8x01 NXP-HTMS8x01 Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
More results


Similar Description - HTMS8301FTB/AF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
Entry Transponder IC
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
Controller Entry Transponder IC
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
HITAG transponder IC
Rev. 3.3-17 October 2014
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL152H TI1-RF430FRL152H Datasheet
1Mb / 53P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
Transponder Base Station IC
logo
NXP Semiconductors
HT1X NXP-HT1X Datasheet
132Kb / 9P
HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
HITAG 2 transponder IC
Rev. 3.1-3 November 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com