Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTB/AF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HTMS8301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTB/AF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HTMS8301FTB/AF Datasheet HTML 6Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 7Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 8Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 9Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 10Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 11Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 12Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 13Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
10 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
10.1.2 Data rate and data coding
The RWD to HITAG µ ISO 18000 transponder IC communication uses Pulse Interval
Encoding. The RWD creates pulses by switching the carrier off as described in Figure 4.
The time between the falling edges of the pulses determines either the value of the data
bit ’0’, the data bit ’1’, a code violation or a stop condition.
Assuming equal distributed data bits ’0’ and ’1’, the data rate is in the range of about
5.2 kbit/s.
[1]
TC...Carrier period time (1/125kHz = 8 μs nominal)
Fig 4.
Reader to HITAG µ ISO 18000 transponder IC: Pulse Interval Encoding
Table 6.
Data coding times [1]
Meaning
Symbol
Min
Max
Carrier off time
TF1
4
× Tc
10
× Tc
Data “0” time
TFd0
18
× Tc
22
× Tc
Data “1” time
TFd1
26
× Tc
30
× Tc
Code violation time
TFcv
34
× Tc
38
× Tc
Stop condition time
TFsc
≥ 42 × Tc
n/a
001aaj827
carrier on
TF1
carrier off
TFsc
"stop condition''
carrier on
TF1
carrier off
TF1
TFcv
"code violation''
carrier on
TF1
carrier off
TF1
TFd1
data "1''
carrier on
TF1
carrier off
TF1
TFd0
data "0''



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com