Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTB/AF Datasheet(PDF) 32 Page - NXP Semiconductors

Part # HTMS8301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTB/AF Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button HTMS8301FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 29Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 30Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 31Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 32Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 33Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 34Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 35Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
32 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
15. Data integrity/calculation of CRC
The following explanations show the features of the HITAG µ protocol to protect read and
write access to transponders from undetected errors. The CRC is an 16-bit CRC
according to ISO 11784/11785.
15.1 Data transmission: RWD to HITAG µ ISO 18000 transponder IC
Data stream transmitted by the RWD to the HITAG µ ISO 18000 transponder may include
an optional 16-bit Cyclic Redundancy Check (CRC-16).
The data stream is first verified for data errors by the HITAG µ ISO 18000 transponder IC
and then executed.
The generator polynomial for the CRC-16 is:
u16 + u12 + u5+ 1 = 1021h
The CRC pre set value is: 0000h
15.2 Data transmission: HITAG µ ISO 18000 transponder IC to RWD
The HITAG µ ISO 18000 transponder IC calculates the CRC on all received bits of the
request. Whether the HITAG µ ISO 18000 transponder IC calculated CRC is appended to
the response depends on the setting of the CRCT flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com