Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTB/AF Datasheet(PDF) 26 Page - NXP Semiconductors

Part # HTMS8301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTB/AF Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button HTMS8301FTB/AF Datasheet HTML 22Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 23Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 24Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 25Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 27Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 29Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
26 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.6.1 READ MULTIPLE BLOCKS in INVENTORY mode
The READ MULTIPLE BLOCK command can also be sent in inventory mode (which is
marked by INV-Flag = '1' within the request). Here request and response will change as
shown in following tables.
If the transponder detects an error during the inventory sequence, it shall remain silent.
After receiving RWD's command without error the transponder IC transmits the remaining
section of the UID in dual pattern code. The following data (Error Flag, Data 2, optional
CRC in no error case; Error Flag, Error Code, optional CRC in error case) is transmitted in
Manchester Code.
[1]
Error, CRC and Data are Manchester coded, UID is dual pattern coded.
Table 21.
READ MULTIPLE BLOCKS - request format (12h)
Flags
Command Mask
length
Mask
value
Parameter 1 Parameter 2 CRC-16 Description
5
6
6
n
8
8
(16)
No. of bits
10(1)10 010010
0
≤ n ≤ UID
length
First block
number
Number of
blocks
AC with 1
timeslot
00(1)10 010010
0
≤ n ≤ UID
length
First block
number
Number of
blocks
AC with 16
timeslot
Table 22.
READ MULTIPLE BLOCKS in INVENTORY mode Response format [1]
Error Flag Data 1
Data 2
CRC-16 Description
1
48 - n
32 x number of blocks
(16)
No.of bits
0
Remaining section of UID
(without mask value)
User memory block data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com