Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTB/AF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HTMS8301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTB/AF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HTMS8301FTB/AF Datasheet HTML 7Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 8Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 9Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 10Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 11Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 12Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 13Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 14Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
11 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
10.1.3 RWD - Start of frame pattern
A RWD request always starts with a SOF pattern for ease of synchronization. The SOF
pattern consists of an encoded data bit ’0’ and a ’code violation’.
The HITAG µ ISO 18000 transponder IC shall be ready to receive a SOF from the RWD
within 1.2 ms after having sent a response to the RWD.
The HITAG µ ISO 18000 transponder IC shall be ready to receive a SOF from the RWD
within 2.5 ms after the RWD has established the powering field.
10.1.4 RWD - End of frame pattern
For slot switching during a multi-slot anticollision sequence, the RWD request is an EOF
pattern. The EOF pattern is represented by a RWD ’Stop condition’.
Fig 5.
Start of frame pattern
001aaj828
carrier on
TFd0
TFpSOF
TF1
carrier off
TF1
TF1
TFcv
data "0"
"code violation"
Fig 6.
End of frame pattern
001aaj829
carrier on
TFpEOF
TF1
carrier off
TFsc
"stop condition''



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com