Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FTB/AF Datasheet(PDF) 30 Page - NXP Semiconductors

Part # HTMS8301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTB/AF Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button HTMS8301FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 27Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 29Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 30Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 31Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 32Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 33Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
30 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.10 GET SYSTEM INFORMATION
Upon reception of this command without error, the transponder IC reads the requested
system memory block(s) and sends back their values in the response.
Error Flag set to ’0’ indicates no error.
Table 29.
GET SYSTEM INFORMATION - request format (17h)
Flags
Command
Data 1
CRC-16
Description
5
6
(48)
(16)
No. of bits
00(1)00
010111
without UII
10(1)00
010111
UII
with UII
Table 30.
GET SYSTEM INFORMATION - response format
Error
flag
Data
CRC-16
Description
1
40
8
8
8
8
8
8
8
8
(16)
No. of bits
0
system memory block data
MSN MFC ICR 000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com