Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002XFB Datasheet (PDF) - Diodes Incorporated

2N7002XFB Datasheet PDF - Diodes Incorporated
Part # 2N7002XFB
Download  2N7002XFB Download
File Size   117.36 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE FIELD MOSFET

2N7002XFB Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002XFB Datasheet PDF - Diodes Incorporated

Part # 2N7002XFB
Download  2N7002XFB Click to download

File Size   117.36 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE FIELD MOSFET

2N7002XFB Datasheet (HTML) - Diodes Incorporated


2N7002XFB Product details

Features
• N-Channel MOSFET
• Low On-Resistance
• Low Gate Threshold Voltage
• Low Input Capacitance
• Fast Switching Speed
• Small Surface Mount Package
• ESD Protected Gate, 1.2kV HBM
• Lead, Halogen and Antimony Free, RoHS Compliant
• "Green" Device (Notes 1 and 2)
• Qualified to AEC-Q101 Standards for High Reliability

Mechanical Data
• Case: DFN1006-3
• Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminal Connections: See Diagram
• Terminals: Finish – NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
• Weight: 0.001 grams (approximate)




Similar Part No. - 2N7002XFB

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2N7002X JIANGSU-2N7002X Datasheet
1Mb / 5P
MOSFET( N-Channel )
logo
Nanjing International G...
2N7002X DGNJDZ-2N7002X Datasheet
2Mb / 5P
SOT-89-3L Plastic-Encapsulate MOSFETS
More results


Similar Description - 2N7002XFB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 6
BSS127 DIODES-BSS127_15 Datasheet
314Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 6
DMN65D8LFB DIODES-DMN65D8LFB_15 Datasheet
334Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 4
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 2
DMN2023UCB4 DIODES-DMN2023UCB4_15 Datasheet
608Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 10
BSN20 DIODES-BSN20_15 Datasheet
183Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 8
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 11
DMN3008SCP10 DIODES-DMN3008SCP10 Datasheet
546Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 2
DMN60H080DS DIODES-DMN60H080DS Datasheet
544Kb / 7P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 3
DMN2030UCB4 DIODES-DMN2030UCB4 Datasheet
612Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
December 2014 Rev. 1- 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com