Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS560DF410 Datasheet (PDF) - Texas Instruments

DS560DF410 Datasheet PDF - Texas Instruments
Part # DS560DF410
Download  DS560DF410 Download
File Size   553.41 Kbytes
Page   9 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint

DS560DF410 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS560DF410 Datasheet PDF - Texas Instruments

Part # DS560DF410
Download  DS560DF410 Click to download

File Size   553.41 Kbytes
Page   9 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint

DS560DF410 Datasheet (HTML) - Texas Instruments


DS560DF410 Product details

1 Features
• Quad-channel multi-protocol retimer with
integrated signal conditioning
• All channels lock independently to both PAM4 and
NRZ data rates from 19.6 to 28.9 GBd (including
div-by-2 and div-by-4 sub-rates)
• Suitable for up to CEI-56G, Ethernet™ (400 GbE),
fibre channel (64GFC), InfiniBand™ (HDR), and
CPRI/eCPRI PCB, copper cable, and optical
applications
• Automatic lane rate switching for CDR lock up
to five different combinations of baud rates and
modulation types
• Low latency: <2000 ps (typical) at 26.5625 GBd
• Continuously adaptive time linear equalizer
(CTLE), RX feed-forward equalizer (FFE), and
decision feedback equalizer (DFE) to support 30+
dB channel loss at 13.28 GHz
• Integrated 2×2 crosspoint
• Adjustable 4-tap TX FFE filter
• Gearbox mode support (NRZ/PAM4 bit mux/demux,
NRZ/PAM4 serializer/deserializer)
• On-chip eye opening monitor (EOM), PRBS
generator, and PRBS checker for debug
• Dual 1.8-V and 1.2-V supplies
• –40°C to +85°C operating temperature range
• 7.65 mm × 7.65 mm BGA package with integrated
AC coupling capacitors

2 Applications
• Active electrical cables (AEC) (SFP, SFP-DD,
QSFP, QSFP-DD, OSFP)
• Front-port C2M attachment unit interface (AUI)
jitter cleaning
• Backplane (KR) and midplane C2C attachment
unit interface (AUI) reach extension
• Speed doubling (gearbox) with NRZ-to-PAM4
aggregation and de-aggregation

3 Description
The DS560DF410 is a four-channel multi-rate retimer
with integrated signal conditioning. It extends the
reach and robustness of long, lossy, crosstalkimpaired
high-speed serial links.
Each channel in the DS560DF410 independently
locks to symbol rates (PAM4 and NRZ) in a
continuous range from 19.6 to 28.9 GBd or to any
supported sub-rate. The integrated CDR function is
ideal for front-port optical module applications to reset
the jitter budget and retime the high-speed serial
data. These features allow for individual lane forward
error correction (FEC) pass-through. In addition, the
DS560DF410 supports automatic lane rate switching
for CDR lock up to five different combinations of baud
rates and modulation types without host intervention.
The advanced equalization features of the
DS560DF410 include a continuously adaptive
continuous-time linear equalizer (CTLE), RX feedforward
equalizer (FFE), decision feedback equalizer
(DFE), and a programmable, low-jitter 4-tap TX feedforward
equalizer (FFE) filter. These features enable
reach extension for lossy interconnects such as
direct-attach copper (DAC) cables and backplanes
with multiple connectors and crosstalk.




Similar Part No. - DS560DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS560DF410 TI2-DS560DF410 Datasheet
518Kb / 8P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS560DF410AMNR TI2-DS560DF410AMNR Datasheet
518Kb / 8P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS560DF410AMNR.B TI2-DS560DF410AMNR.B Datasheet
518Kb / 8P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS560DF410AMNT TI2-DS560DF410AMNT Datasheet
518Kb / 8P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS560DF410AMNT.B TI2-DS560DF410AMNT.B Datasheet
518Kb / 8P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
More results


Similar Description - DS560DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
Low Power Multi-Rate Quad Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
25 Gbps Multi-Rate 4-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
25 Gbps Multi-Rate 8-Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
Low Power Multi-Rate Quad Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
28 Gbps Multi-Rate 8-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
25-Gbps Multi-Rate 2-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com