Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD451 Datasheet (PDF) - Texas Instruments

ESD451 Datasheet PDF - Texas Instruments
Part # ESD451
Download  ESD451 Download
File Size   685.89 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package

ESD451 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD451 Datasheet PDF - Texas Instruments

Part # ESD451
Download  ESD451 Click to download

File Size   685.89 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package

ESD451 Datasheet (HTML) - Texas Instruments


ESD451 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection
– ±30 kV contact discharge
– ±30 kV air gap discharge
• IEC 61000-4-5 surge protection
– 4.4 A (8/20 μs)
• IO capacitance:
– 0.5 pF (typical)
• DC breakdown voltage: ±8 V (typical)
• Ultra low leakage current: 50 nA (maximum)
• Extremely low ESD clamping voltage
– 10.4 V at 16 A TLP
– RDYN: 0.19 Ω
• Industrial temperature range: –40°C to +125°C
• Space-saving industry standard 0201 footprint
(0.6 mm × 0.3 mm × 0.3 mm)

2 Applications
• End equipment:
– Vacuum robots
– Wearables
– Smart speakers
– Portable electronics
– Small appliances
– Retail automation and payment
– Laptops and desktops
– TV and monitors
– Docking stations
• Interfaces:
– USB 3.0
– HDMI™ 1.4 and 2.0
– DisplayPort™
– SIM card

3 Description
The ESD451 is a bidirectional ESD protection diode
for protecting data line and other I/O ports. The
ESD451 is rated to dissipate ESD strikes up to ±30 kV
per the IEC 61000-4-2 international standard (greater
than Level 4).
This device features a 0.5 pF (typical) IO capacitance
enabling high-speed interface protection for protocols
such as USB 3.0. The extremely low dynamic
resistance (0.19 Ω) and clamping voltage (10.4 V
at 16 A TLP) is specified for system-level protection
against transient events.
The ±30 kV ESD rating and 4.4 A surge provides
robust transient protection in a tiny package for
protecting 5.5 V power rails and data lines in portable
electronics and other space constrained applications
such as wearables.
The ESD451 is offered in the industry standard 0201
(DPL) package.




Similar Part No. - ESD451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD451 TI-ESD451 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI2-ESD451 Datasheet
804Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI2-ESD451 Datasheet
1Mb / 22P
ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package
REVISED DECEMBER 2025
logo
Shanghai Leiditech Elec...
ESD4511D3 LEIDITECH-ESD4511D3 Datasheet
866Kb / 4P
BIDIRECTIONAL TVS DIODE
ESD4511P3 LEIDITECH-ESD4511P3 Datasheet
2Mb / 4P
1-Line High Power TVS Diode
More results


Similar Description - ESD451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com