Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS574DGSR Datasheet (PDF) - Texas Instruments

SN74HCS574DGSR Datasheet PDF - Texas Instruments
Part # SN74HCS574DGSR
Download  SN74HCS574DGSR Download
File Size   1498.49 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74HCS574 Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout

SN74HCS574DGSR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74HCS574DGSR Datasheet PDF - Texas Instruments

Part # SN74HCS574DGSR
Download  SN74HCS574DGSR Click to download

File Size   1498.49 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74HCS574 Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout

SN74HCS574DGSR Datasheet (HTML) - Texas Instruments


SN74HCS574DGSR Product details

1 Features
• Available in wettable flank QFN (WBQB) package
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA

2 Applications
• Parallel data synchronization
• Parallel data storage
• Shift register
• Pattern generators

3 Description
The SN74HCS574 contains eight D-type flip-flops.
All inputs include Schmitt-trigger architecture. All
channels share a rising edge triggered clock (CLK)
input and active low output enable (OE) input. This
device has a flow-through pinout which allows for
easier bus routing.




Similar Part No. - SN74HCS574DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS574 TI-SN74HCS574 Datasheet
1Mb / 24P
SN74HCS574 Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS877 ??OCTOBER 2021
SN74HCS574 TI-SN74HCS574 Datasheet
1Mb / 30P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
NOVEMBER 2021
SN74HCS574 TI-SN74HCS574 Datasheet
2Mb / 29P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
SN74HCS574-Q1 TI-SN74HCS574-Q1 Datasheet
1Mb / 30P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
NOVEMBER 2021
SN74HCS574-Q1 TI-SN74HCS574-Q1 Datasheet
2Mb / 29P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
More results


Similar Description - SN74HCS574DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS541 TI-SN74HCS541 Datasheet
1Mb / 24P
SN74HCS541 Octal Buffers and Line Drivers with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS875 ??OCTOBER 2021
SN74HCS573 TI-SN74HCS573 Datasheet
1Mb / 24P
SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS876 ??OCTOBER 2021
SN74HCS574 TI-SN74HCS574 Datasheet
1Mb / 24P
SN74HCS574 Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS877 ??OCTOBER 2021
SN74HCS541-Q1 TI-SN74HCS541-Q1 Datasheet
1Mb / 30P
SN74HCS541-Q1 Automotive Octal Buffers and Line Drivers with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
NOVEMBER 2021
SN74HCS573-Q1 TI-SN74HCS573-Q1 Datasheet
1Mb / 28P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
DECEMBER 2021
SN74HCS574-Q1 TI-SN74HCS574-Q1 Datasheet
1Mb / 30P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
NOVEMBER 2021
SN74HCS573-Q1 TI-SN74HCS573-Q1_V01 Datasheet
2Mb / 26P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
SN74HCS574-Q1 TI-SN74HCS574-Q1_V01 Datasheet
2Mb / 29P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
SN74HCS573 TI-SN74HCS573_V01 Datasheet
1Mb / 25P
SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com