Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC174 Datasheet (PDF) - STMicroelectronics

M74HC174 Datasheet PDF - STMicroelectronics
Part # M74HC174
Download  M74HC174 Download
File Size   263.66 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

M74HC174 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC174 Datasheet PDF - STMicroelectronics

Part # M74HC174
Download  M74HC174 Click to download

File Size   263.66 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

M74HC174 Datasheet (HTML) - STMicroelectronics


M74HC174 Product details

DESCRIPTION
The M54/74HC174 is a high speed CMOS HEX DTYPE FLIP-FLOP WITH CLEAR fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.
   
■ HIGH SPEED
    fMAX = 71 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE WITH
    54/74LS174
   




Similar Part No. - M74HC174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
M74HC174B1R STMICROELECTRONICS-M74HC174B1R Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
M74HC174C1R STMICROELECTRONICS-M74HC174C1R Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
M74HC174M1R STMICROELECTRONICS-M74HC174M1R Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
More results


Similar Description - M74HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
17-May-2001
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
29-Feb-2012
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
31-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com