Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTP9122 Datasheet (PDF) - Renesas Technology Corp

IDTP9122 Datasheet PDF - Renesas Technology Corp
Part # IDTP9122
Download  IDTP9122 Download
File Size   934.12 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Channel Synchronous StepDown Switcher with Integrated FET

IDTP9122 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTP9122 Datasheet PDF - Renesas Technology Corp

Part # IDTP9122
Download  IDTP9122 Click to download

File Size   934.12 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Channel Synchronous StepDown Switcher with Integrated FET

IDTP9122 Datasheet (HTML) - Renesas Technology Corp


IDTP9122 Product details

Features
 Input Voltage Range: 2.7V to 5.5V
 Two step-down converters with integrated FETs
 Buck1: 2A
 Buck2: 3A
 Buck 2 to operate in Buck or Switch mode
 Factory Programmable Output Voltage: 0.8 - 3.4V
 Automatic PFM/PWM or forced PWM mode
 Switching frequency 2MHz
 Optional Programmable Sequence Mode
 Power Good and/or Power On Reset Output
 -40°C to +85°C operating temperature range
 Package: QFN 24-ld 4 x 4mm x 0.8mm
Applications
Point of Load Regulation in a variety of low power
applications:
 Solid State Disk Drive (SSD) Power Management
 Low Power USB powered applications
 Set Top Box / TV Power Supply
 Portable Gaming
Description
IDTP9122 is a fully integrated power management IC
designed to provide 2 factory programmable voltage rails
from a single 5V or 3.3V input rail with high efficiency and
low quiescent currents in sleep mode or no-load condition.
The device offers selectable direct buck enable inputs or a
factory programmable sequencing with power good and
power on reset generation.
To support low power standby operation, the IDTP9122
supports a configurable sleep mode.
The IDTP9122 is available in a 4mm x 4mm, 24-ld, QFN
package and guaranteed to operate over the ambient
temperature range -40°C to +85°C.




Similar Part No. - IDTP9122

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
Dual Channel Synchronous Step- Down Switcher with Integrated FET
More results


Similar Description - IDTP9122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI1-TPS54394_16 Datasheet
1Mb / 28P
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
logo
Integrated Device Techn...
IDTP9122 IDT-IDTP9122 Datasheet
631Kb / 16P
Dual Channel Synchronous Step- Down Switcher with Integrated FET
logo
Renesas Technology Corp
IDTP9120 RENESAS-IDTP9120 Datasheet
1Mb / 25P
Triple Channel Synchronous StepDown Switcher with Integrated FET
March 12, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com