Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3034EIRTZ Datasheet (PDF) - Renesas Technology Corp

ISL3034EIRTZ Datasheet PDF - Renesas Technology Corp
Part # ISL3034EIRTZ
Download  ISL3034EIRTZ Download
File Size   893.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel High Speed, Auto-Direction Sensing Logic Level Translator

ISL3034EIRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3034EIRTZ Datasheet PDF - Renesas Technology Corp

Part # ISL3034EIRTZ
Download  ISL3034EIRTZ Click to download

File Size   893.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel High Speed, Auto-Direction Sensing Logic Level Translator

ISL3034EIRTZ Datasheet (HTML) - Renesas Technology Corp


ISL3034EIRTZ Product details

Features
• Best-In-Class ESD protection: ±15kV IEC61000-4-2 ESD
protection on all input, output, and I/O lines
• 100Mbps ensured data rate
• Six bidirectional channels
• Auto-direction sensing eliminates direction control logic pins
• Enable input for logic control of low power SHDN Mode
• Compatible with 4mA input drivers or larger
• +1.35V ≤ VL ≤ +3.2V and +2.2V ≤ VCC ≤ +3.6V supply
voltage range
• Pb-Free (RoHS compliant)
• 16Ld µTQFN (2.6mmx1.8mm) and 16 Ld TQFN
(3mmx3mm) packages




Similar Part No. - ISL3034EIRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3034EIRTZ INTERSIL-ISL3034EIRTZ Datasheet
506Kb / 16P
4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
March 31, 2009
ISL3034EIRTZ-T INTERSIL-ISL3034EIRTZ-T Datasheet
506Kb / 16P
4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
March 31, 2009
More results


Similar Description - ISL3034EIRTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106 Datasheet
667Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
March 31, 2009
logo
Texas Instruments
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106-Q1 TI-TXB0106-Q1 Datasheet
447Kb / 17P
6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 10-kV ESD PROTECTION
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com