Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3158AE Datasheet (PDF) - Renesas Technology Corp

ISL3158AE Datasheet PDF - Renesas Technology Corp
Part # ISL3158AE
Download  ISL3158AE Download
File Size   733.51 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver

ISL3158AE Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3158AE Datasheet PDF - Renesas Technology Corp

Part # ISL3158AE
Download  ISL3158AE Click to download

File Size   733.51 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver

ISL3158AE Datasheet (HTML) - Renesas Technology Corp


ISL3158AE Product details

Features
• High Driver VOD . . . . . . . . . . . . . . 2.4V (Min) @ RD = 54
- Better Noise Immunity, or Drive Up to 8 Terminations
• IEC61000 ESD Protection on RS-485 I/O Pins . . ±16.5kV
- Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• Full Fail-safe (Open, Short, Terminated and Undriven)
Receivers
• High Rx IOL to Drive Opto-Couplers for Isolated
Applications
• Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
• True 1/8 Unit Load Allows up to 256 Devices on the Bus
• Specified for Single 5V, 10% Tolerance, Supplies
• High Data Rates. . . . . . . . . . . . . . . . . . . . . up to 10Mbps
• Low Quiescent Supply Current . . . . . . . . . . . . . . . .600µA
Ultra Low Shutdown Supply Current . . . . . . . . . . . . .70nA
• -7V to +12V Common Mode Input Voltage Range
• Half Duplex Pinouts
• Pb-free (RoHS compliant)
• Three-State Rx and Tx Outputs
• Current Limiting for Driver Overload Protection




Similar Part No. - ISL3158AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
April 3, 2009
ISL3158AEMBZ INTERSIL-ISL3158AEMBZ Datasheet
616Kb / 16P
짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
April 3, 2009
ISL3158AEMW INTERSIL-ISL3158AEMW Datasheet
616Kb / 16P
짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
April 3, 2009
More results


Similar Description - ISL3158AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
-15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
September 12, 2005
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
-15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
February 27, 2008
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
January 18, 2008
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
April 3, 2009
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com