Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3178AE Datasheet (PDF) - Renesas Technology Corp

ISL3178AE Datasheet PDF - Renesas Technology Corp
Part # ISL3178AE
Download  ISL3178AE Download
File Size   552.23 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

ISL3178AE Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3178AE Datasheet PDF - Renesas Technology Corp

Part # ISL3178AE
Download  ISL3178AE Click to download

File Size   552.23 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

ISL3178AE Datasheet (HTML) - Renesas Technology Corp


ISL3178AE Product details

Features
• IEC61000 ESD protection on RS-485 I/O pins . . . . . . . ±15kV
- Class 3 ESD level on all other pins. . . . . . . . . . . .>7kV HBM
• Full fail-safe (open, short, terminated/floating) receivers
• Hot plug - Tx and Rx outputs remain three-state during
Power-up
• True 1/8 unit load allows up to 256 devices on the bus
• Single 3.3V supply
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . . up to 10Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 800µA (max)
- Ultra low shutdown supply current. . . . . . . . . . . . . . . . 10nA
• -7V to +12V common mode input/output voltage range
• Half duplex pinouts
• Three state Rx and Tx outputs available
• Current limiting for driver overload protection
• Pb-free (RoHS compliant)




Similar Part No. - ISL3178AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
May 6, 2009
ISL3178AEMBZ INTERSIL-ISL3178AEMBZ Datasheet
486Kb / 14P
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
May 6, 2009
ISL3178AEMW INTERSIL-ISL3178AEMW Datasheet
486Kb / 14P
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
May 6, 2009
More results


Similar Description - ISL3178AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
-15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 5, 2005
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
March 21, 2006
ISL3170E INTERSIL-ISL3170E Datasheet
802Kb / 19P
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 28, 2006
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
July 11, 2007
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
May 6, 2009
ISL3173EIBZ-T INTERSIL-ISL3173EIBZ-T Datasheet
770Kb / 19P
15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
SL3170E INTERSIL-SL3170E Datasheet
767Kb / 19P
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E RENESAS-ISL3170E_V01 Datasheet
1Mb / 24P
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Rev.6.05 Sep 29, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com