Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5451B7 Datasheet (PDF) - STMicroelectronics

M5451B7 Datasheet PDF - STMicroelectronics
Part # M5451B7
Download  M5451B7 Download
File Size   193.36 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LED DISPLAY DRIVERS

M5451B7 Datasheet (PDF)

Go To PDF Page Download Datasheet
M5451B7 Datasheet PDF - STMicroelectronics

Part # M5451B7
Download  M5451B7 Click to download

File Size   193.36 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LED DISPLAY DRIVERS

M5451B7 Datasheet (HTML) - STMicroelectronics


M5451B7 Product details

DESCRIPTION

The M5450 and M5451 are monolithic MOS integrated circuits produced with an N-channel silicon gate technology. They are available in 40-pin dual in-line plastic packages. A single pin controls the LED display brightness by setting a reference current through a variable resistor connected to VDDor to a separate supply of 13.2V maximum.



FEATURES SUMMARY

■ M5450 34 OUTPUTS/15mA SINK

■ M5451 35 OUTPUTS/15mA SINK

■ CURRENT GENERATOR OUTPUTS (NO EXTERNAL RESISTORS REQUIRED)

■ CONTINUOUS BRIGHTNESS CONTROL

■ SERIAL DATA INPUT

■ ENABLE (ON M5450)

■ WIDE SUPPLY VOLTAGE OPERATION

■ TTL COMPATIBILITY



Application Examples:

■ MICROPROCESSOR DISPLAYS

■ INDUSTRIAL CONTROL INDICATOR

■ RELAY DRIVER

■ INSTRUMENTATION READOUTS




Similar Part No. - M5451B7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
243Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
260Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
More results


Similar Description - M5451B7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5450 NSC-MM5450 Datasheet
125Kb / 8P
LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
STMicroelectronics
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
243Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
List of Unclassifed Man...
U1096B ETC1-U1096B Datasheet
579Kb / 6P
Display Drivers
logo
ams AG
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
8-Digit LED Display Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
LED DISPLAY DRIVERS
14-Mar-2004
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
8-Digit LED Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com