Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6323B Datasheet (PDF) - Renesas Technology Corp

ISL6323B Datasheet PDF - Renesas Technology Corp
Part # ISL6323B
Download  ISL6323B Download
File Size   1608.01 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors

ISL6323B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6323B Datasheet PDF - Renesas Technology Corp

Part # ISL6323B
Download  ISL6323B Click to download

File Size   1608.01 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors

ISL6323B Datasheet (HTML) - Renesas Technology Corp


ISL6323B Product details

Features
• Processor Core Voltage Via Integrated Multi-Phase
Power Conversion
• Configuration Flexibility
- 2-Phase Operation with Internal Drivers
- 3- or 4-Phase Operation with External PWM Drivers
• PSI_L Support with Phase Shedding for Improved
Efficiency at Light Load
• Serial VID Interface Inputs
- Two Wire, Clock and Data, Bus
- Conforms to AMD SVI Specifications
• Parallel VID Interface Inputs
- 6-bit VID input
- 0.775V to 1.55V in 25mV Steps
- 0.375V to 0.7625V in 12.5mV Steps
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.6% System Accuracy Over-Temperature
- Adjustable Reference-Voltage Offset
• Optimal Processor Core Voltage Transient Response
- Adaptive Phase Alignment (APA)
- Active Pulse Positioning Modulation
• Fully Differential, Continuous DCR Current Sensing
- Accurate Load Line Programming
- Precision Channel Current Balancing
• Variable Gate Drive Bias: 5V to 12V
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Selectable Switching Frequency up to 1MHz
• Simultaneous Digital Soft-Start of Both Outputs
• Processor NorthBridge Voltage Via Single Phase
Power Conversion
• Precision Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.6% System Accuracy Over Temperature
• Serial VID Interface Inputs
- Two Wire, Clock and Data, Bus
- Conforms to AMD SVI Specifications
• Overcurrent Protection
• Continuous DCR Current Sensing
• Variable Gate Drive Bias: 5V to 12V
• Simultaneous Digital Soft-Start of Both Outputs
• Selectable Switching Frequency up to 1MHz
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6323B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6323BCRZ INTERSIL-ISL6323BCRZ Datasheet
842Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6323BIRZ INTERSIL-ISL6323BIRZ Datasheet
842Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
More results


Similar Description - ISL6323B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
March 23, 2009
ISL6324A INTERSIL-ISL6324A Datasheet
870Kb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
April 29, 2010
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
April 29, 2010
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com