Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet (PDF) - NXP Semiconductors

BAS16 Datasheet PDF - NXP Semiconductors
Part # BAS16
Download  BAS16 Download
File Size   55.86 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diode

BAS16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16 Datasheet PDF - NXP Semiconductors

Part # BAS16
Download  BAS16 Click to download

File Size   55.86 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed diode

BAS16 Datasheet (HTML) - NXP Semiconductors


BAS16 Product details

DESCRIPTION
The BAS16 is a high-speed switching diode fabricated in planar technology, and encapsulated in a small SOT23 plastic SMD package.

FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.

APPLICATIONS
• High-speed switching in hybrid thick and thin-film circuits.




Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS16 ZETEX-BAS16 Datasheet
97Kb / 2P
PNP SILICON HIGH SPEED SWITCHING DIODE
More results


Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
NXP Semiconductors
PMBD6050,215 NXP-PMBD6050,215 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
High-speed diode
LBAS516T1G LRC-LBAS516T1G_15 Datasheet
204Kb / 4P
High-speed Diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
High-speed diode
2004 Jan 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com