Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D80C52-24 Datasheet (PDF) - Intel Corporation

D80C52-24 Datasheet PDF - Intel Corporation
Part # D80C52-24
Download  D80C52-24 Download
File Size   312.63 Kbytes
Page   23 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

D80C52-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
D80C52-24 Datasheet PDF - Intel Corporation

Part # D80C52-24
Download  D80C52-24 Click to download

File Size   312.63 Kbytes
Page   23 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

D80C52-24 Datasheet (HTML) - Intel Corporation


D80C52-24 Product details

The Intel 8XC52/8XC54/8XC58 is a single-chip control-oriented microcontroller which is fabricated on Intel’s reliable CHMOS III-E technology. Being a member of the MCS 51 family of controllers, the 8XC52/8XC54/ 8XC58 uses the same powerful instruction set, has the same architecture, and is pin-for-pin compatible with the existing MCS 51 family of products. The 8XC52/8XC54/8XC58 is an enhanced version of the 87C51/80C51BH/80C31BH. The added features make it an even more powerful microcontroller for applica tions that require clock output, and up/down counting capabilities such as motor control. It also has a more versatile serial channel that facilitates multi-processor communications.
Throughout this document 8XC5X will refer to the 8XC52, 80C32, 8XC54 and 8XC58 unless information applies to a specific device.

■ High Performance CHMOS EPROM/ROM/CPU
■ 12/24/33 MHz Operations
■ Three 16-Bit Timer/Counters
■ Programmable Clock Out
■ Up/Down Timer/Counter
■ Three Level Program Lock System
■ 8K/16K/32K On-Chip Program Memory
■ 256 Bytes of On-Chip Data RAM
■ Improved Quick Pulse Programming Algorithm
■ Boolean Processor
■ 32 Programmable I/O Lines
■ 6 Interrupt Sources
■ Programmable Serial Channel with:
   — Framing Error Detection
   — Automatic Address Recognition
■ TTL and CMOS Compatible Logic Levels
■ 64K External Program Memory Space
■ 64K External Data Memory Space
■ MCSÉ 51 Microcontroller Compatible Instruction Set
■ Power Saving Idle and Power Down Modes
■ ONCE (On-Circuit Emulation) Mode
■ Four-Level Interrupt Priority
■ Extended Temperature Range Except
   for 33 MHz Offering (-40°C to +85°C)




Similar Part No. - D80C52-24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D80C51 INTEL-D80C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
D80C51FA ROCHESTER-D80C51FA Datasheet
1,007Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
D80C51FA1 ROCHESTER-D80C51FA1 Datasheet
1,007Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
More results


Similar Description - D80C52-24

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51 INTEL-87C51 Datasheet
284Kb / 21P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com