Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMU17 Datasheet (PDF) - Renesas Technology Corp

HMU17 Datasheet PDF - Renesas Technology Corp
Part # HMU17
Download  HMU17 Download
File Size   656.32 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16 x 16-Bit CMOS Parallel Multipliers

HMU17 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMU17 Datasheet PDF - Renesas Technology Corp

Part # HMU17
Download  HMU17 Click to download

File Size   656.32 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16 x 16-Bit CMOS Parallel Multipliers

HMU17 Datasheet (HTML) - Renesas Technology Corp


HMU17 Product details

Features
• 16 x 16-Bit Parallel Multiplier with Full 32-Bit Product
• High-Speed (35ns) Clocked Multiply Time
• Low Power Operation
- ICCSB = 500A Maximum
- ICCOP = 7.0mA Maximum at 1MHz
• Supports Two’s Complement, Unsigned Magnitude and
Mixed Mode Multiplication
• HMU16 is Compatible with the AM29516, LMU16,
IDT7216 and the CY7C516
• HMU17 is Compatible with the AM29517, LMU17,
IDT7217 and the CY7C517
• TTL Compatible Inputs/Outputs
• Three-State Outputs
Applications
• Fast Fourier Transform Analysis
• Digital Filtering
• Graphic Display Systems
• Image Processing
• Radar and Sonar
• Speech Synthesis and Recognition




Similar Part No. - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
HMU17 INTERSIL-HMU17 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
HMU17/883 INTERSIL-HMU17/883 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
HMU17883 INTERSIL-HMU17883 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
HMU17GC-35 INTERSIL-HMU17GC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results


Similar Description - HMU17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
16 x 16 PARALLEL CMOS MULTIPLIERS
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
April 1997
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
April 1997
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
logo
LOGIC Devices Incorpora...
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com