Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP45314 Datasheet (PDF) - Renesas Technology Corp

HSP45314 Datasheet PDF - Renesas Technology Corp
Part # HSP45314
Download  HSP45314 Download
File Size   1131.0 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CommLinkTM Direct Digital Synthesizer

HSP45314 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP45314 Datasheet PDF - Renesas Technology Corp

Part # HSP45314
Download  HSP45314 Click to download

File Size   1131.0 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CommLinkTM Direct Digital Synthesizer

HSP45314 Datasheet (HTML) - Renesas Technology Corp


HSP45314 Product details

Features
•125MSPS Output Sample Rate with 5V Digital Supply
•100MSPS Output Sample Rate with 3.3V Digital Supply
•14-bit DAC with Internal Reference
•Parallel Control Interface for Fast Tuning (50MSPS Control Register Write Rate)
•48-bit Programmable Frequency Control
•Small 48-pin LQFP package
Applications
•Programmable Local Oscillator
•FSK Modulation
•Direct Digital Synthesis
•Clock Generation




Similar Part No. - HSP45314

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
CommLinkTM Direct Digital Synthesizer
2000 05
HSP45314 INTERSIL-HSP45314 Datasheet
332Kb / 14P
CommLinkTM Direct Digital Synthesizer
January 2001
HSP45314VI INTERSIL-HSP45314VI Datasheet
118Kb / 14P
CommLinkTM Direct Digital Synthesizer
2000 05
HSP45314VI INTERSIL-HSP45314VI Datasheet
332Kb / 14P
CommLinkTM Direct Digital Synthesizer
January 2001
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
CommLinkTM Direct Digital Synthesizer
January 2001
More results


Similar Description - HSP45314

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
CommLinkTM Direct Digital Synthesizer
2000 05
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
CommLinkTM Direct Digital Synthesizer
January 2001
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
Direct Digital Synthesizer
July 28, 2005
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
Direct Digital Synthesizer
January 19, 2010
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
CMOS Direct Digital Synthesizer
1/2017-Rev. A to Rev. B
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
CMOS Direct Digital Synthesizer
10/2016-Rev. D to Rev. E
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
CMOS Direct Digital Synthesizer
11/2017-Rev. B to Rev. C
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com