Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52055P Datasheet (PDF) - Renesas Technology Corp

M52055P Datasheet PDF - Renesas Technology Corp
Part # M52055P
Download  M52055P Download
File Size   206.7 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-Channel Analog Switch

M52055P Datasheet (PDF)

Go To PDF Page Download Datasheet
M52055P Datasheet PDF - Renesas Technology Corp

Part # M52055P
Download  M52055P Click to download

File Size   206.7 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3-Channel Analog Switch

M52055P Datasheet (HTML) - Renesas Technology Corp


M52055P Product details

Description
The M52055 is semiconductor integrated circuit for electronic switches used in VCR, AUDIO signal processing
applications. It contains three channel two input switch circuits with each switch is controlled independently.
Features
• Low offset voltage at output: Typ. 5 mV UNDER
• Low switching noise
• Wide dynamic range
• Wide frequency range: Typ. 40 MHz OVER
• Low crosstalk
• High speed response: Typ. 0.2 μs UNDER
• Low power consumption




Similar Part No. - M52055P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52055P RENESAS-M52055P Datasheet
186Kb / 14P
3-Channel Analog Swi
More results


Similar Description - M52055P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52470AP MITSUBISHI-M52470AP Datasheet
335Kb / 6P
4-INPUT 3-CHANNEL ANALOG SWITCH
logo
NTE Electronics
NTE7110 NTE-NTE7110 Datasheet
22Kb / 2P
Integrated Circuit 3 Channel Analog Switch
logo
Renesas Technology Corp
M52055P RENESAS-M52055P Datasheet
186Kb / 14P
3-Channel Analog Swi
HD74LV2G66A RENESAS-HD74LV2G66A Datasheet
99Kb / 12P
2-channel Analog Switch
HD74ALVC2G66 RENESAS-HD74ALVC2G66 Datasheet
85Kb / 14P
2-channel Analog Switch
logo
Mitsubishi Electric Sem...
M52065P MITSUBISHI-M52065P Datasheet
463Kb / 6P
3-CHANNEL ANALOG SWITCH
logo
Renesas Technology Corp
HD74LVC2G66 RENESAS-HD74LVC2G66 Datasheet
2Mb / 12P
2-channel Analog Switch
HD74LV2GT66A RENESAS-HD74LV2GT66A Datasheet
95Kb / 10P
2-channel Analog Switch
HD74ALVC2G66 RENESAS-HD74ALVC2G66_15 Datasheet
111Kb / 16P
2-channel Analog Switch
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com