Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1493-05 Datasheet (PDF) - Renesas Technology Corp

MK1493-05 Datasheet PDF - Renesas Technology Corp
Part # MK1493-05
Download  MK1493-05 Download
File Size   476.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER

MK1493-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1493-05 Datasheet PDF - Renesas Technology Corp

Part # MK1493-05
Download  MK1493-05 Click to download

File Size   476.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER

MK1493-05 Datasheet (HTML) - Renesas Technology Corp


MK1493-05 Product details

Features
• Packaged in 16-pin TSSOP package
• Pb (lead) free package
• Single differential spread spectrum clock
• Spread spectrum for EMI control
• Supports SMBUS index read/write and blocks read/write
operations
• Uses external 14.31818 MHz clock from CK410
• Low output jitter design
• Power down mode lowers Idd
• Spread selection via hardware pins (down and center)
• Industrial temperature range available (-40°C to +85°C)




Similar Part No. - MK1493-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1493-01 ICST-MK1493-01 Datasheet
264Kb / 13P
PCI Clock Generator
Revision 021204
MK1493-01G ICST-MK1493-01G Datasheet
264Kb / 13P
PCI Clock Generator
Revision 021204
MK1493-01GTR ICST-MK1493-01GTR Datasheet
264Kb / 13P
PCI Clock Generator
Revision 021204
logo
Integrated Device Techn...
MK1493-03B IDT-MK1493-03B Datasheet
446Kb / 19P
PCI CLOCK GENERATOR
MK1493-03BGILF IDT-MK1493-03BGILF Datasheet
446Kb / 19P
PCI CLOCK GENERATOR
More results


Similar Description - MK1493-05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25823 CYPRESS-CY25823 Datasheet
184Kb / 12P
CK-SSCD Spread Spectrum Differential Clock Specification
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY25823 CYPRESS-CY25823_11 Datasheet
362Kb / 15P
CK-SSCD Spread Spectrum Differential Clock Specification
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com