Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1725GLFT Datasheet (PDF) - Renesas Technology Corp

MK1725GLFT Datasheet PDF - Renesas Technology Corp
Part # MK1725GLFT
Download  MK1725GLFT Download
File Size   358.62 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR

MK1725GLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1725GLFT Datasheet PDF - Renesas Technology Corp

Part # MK1725GLFT
Download  MK1725GLFT Click to download

File Size   358.62 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR

MK1725GLFT Datasheet (HTML) - Renesas Technology Corp


MK1725GLFT Product details

Features
• Packaged in 16-pin TSSOP
• Available in Pb (lead) free package
• Replaces a spread spectrum clock generator and a buffer
• Input clock or crystal frequency of 20-34 MHz
• Output frequency of 20-136 MHz
• Four spread spectrum clock outputs
• Duty cycle of 45/55
• Operating voltage of 3.3 V
• Advanced, low power CMOS process
• Available in Commercial (0 to +70°C) and Industrial (-40
to +85°C) temperature ranges




Similar Part No. - MK1725GLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1725GLFT ICST-MK1725GLFT Datasheet
158Kb / 6P
Quad Output Spread Spectrum Clock Generator
Revision 021605
logo
Integrated Device Techn...
MK1725GLFT IDT-MK1725GLFT Datasheet
216Kb / 8P
QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
More results


Similar Description - MK1725GLFT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
Integrated Circuit Syst...
MK1725 ICST-MK1725 Datasheet
158Kb / 6P
Quad Output Spread Spectrum Clock Generator
Revision 021605
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Integrated Device Techn...
MK1725 IDT-MK1725 Datasheet
216Kb / 8P
QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com