Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY685A Datasheet (PDF) - NXP Semiconductors

BGY685A Datasheet PDF - NXP Semiconductors
Part # BGY685A
Download  BGY685A Download
File Size   289.14 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 600 MHz, 18.2 dB gain push-pull amplifier

BGY685A Datasheet (PDF)

Go To PDF Page Download Datasheet
BGY685A Datasheet PDF - NXP Semiconductors

Part # BGY685A
Download  BGY685A Click to download

File Size   289.14 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 600 MHz, 18.2 dB gain push-pull amplifier

BGY685A Datasheet (HTML) - NXP Semiconductors


BGY685A Product details

FEATURES
 Excellent linearity
 Extremely low noise
 Silicon nitride passivation
 Rugged construction
 Gold metallization ensures excellent reliability.
DESCRIPTION
Special super-high dynamic range amplifier module
designed for applications in CATV systems with a
bandwidth of 40 to 600 MHz operating at a voltage supply
of 24 V (DC).




Similar Part No. - BGY685A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY685A PHILIPS-BGY685A Datasheet
64Kb / 8P
CATV amplifier module
1998 Mar 16
BGY685AD PHILIPS-BGY685AD Datasheet
63Kb / 8P
Hybrid CATV amplifier module
1997 Apr 18
BGY685AL PHILIPS-BGY685AL Datasheet
62Kb / 8P
CATV amplifier module
1997 Apr 10
logo
Quanzhou Jinmei Electro...
BGY685A JMNIC-BGY685A_15 Datasheet
59Kb / 8P
600 MHz, 18.2 dB gain push-pull amplifier
BGY685A_2015 JMNIC-BGY685A_2015 Datasheet
59Kb / 8P
600 MHz, 18.2 dB gain push-pull amplifier
More results


Similar Description - BGY685A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
BGY585A NXP-BGY585A_01 Datasheet
57Kb / 8P
550 MHz, 18.2 dB gain push-pull amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
550 MHz, 18.2 dB gain push-pull amplifier
BGY685A_2015 JMNIC-BGY685A_2015 Datasheet
59Kb / 8P
600 MHz, 18.2 dB gain push-pull amplifier
BGY687_2015 JMNIC-BGY687_2015 Datasheet
55Kb / 8P
600 MHz, 21.5 dB gain push-pull amplifier
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
550 MHz, 18.2 dB gain push-pull amplifier
BGY685A JMNIC-BGY685A_15 Datasheet
59Kb / 8P
600 MHz, 18.2 dB gain push-pull amplifier
BGY687 JMNIC-BGY687_15 Datasheet
55Kb / 8P
600 MHz, 21.5 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
BGY687 NXP-BGY687 Datasheet
163Kb / 7P
600 MHz, 21.5 dB gain push-pull amplifier
2001 Nov 08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com