Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM783 Datasheet (PDF) - NXP Semiconductors

EM783 Datasheet PDF - NXP Semiconductors
Part # EM783
Download  EM783 Download
File Size   1316.46 Kbytes
Page   58 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM

EM783 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM783 Datasheet PDF - NXP Semiconductors

Part # EM783
Download  EM783 Click to download

File Size   1316.46 Kbytes
Page   58 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Energy metering IC; 32 kB flash, 8 kB SRAM, 4 kB EEPROM

EM783 Datasheet (HTML) - NXP Semiconductors


EM783 Product details

General description
The EM783-SC/SP/TP/MC3/MC6 is an ARM Cortex-M0-based, low-cost 32-bit family of
application processors, designed for energy measurement and monitoring applications.
The EM783 offers programmability and on-chip metrology functionality combined with a
low power, simple instruction set. It also has memory addressing together with reduced
code size compared to existing 8/16-bit architectures.
The EM783 operate at CPU frequencies of up to 48 MHz.
The digital peripherals on the EM783 include:
• 32 kB of flash memory
• 4 kB of EEPROM data memory
• 8 kB of SRAM data memory
• Fast-mode Plus I2C-bus interface
• RS-485/EIA-485 USART
• one SSP controller
• two general-purpose counter/timers
• up to 22 general-purpose I/O pins
A metrology engine with built-in temperature sensor is used for energy measurements. A
10-bit DAC and an internal voltage reference are also available.

Features and benefits
 System:
 ARM Cortex-M0 processor, running at frequencies of up to 48 MHz.
 ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
 Serial Wire Debug (SWD).
 System tick timer.
 Memory:
 32 kB on-chip flash program memory.
 4 kB on-chip EEPROM data memory for energy registers and calibration
parameters; byte erasable and byte programmable.
 8 kB SRAM data memory.
 16 kB boot ROM.
 In-System Programming (ISP) for flash and In-Application Programming (IAP) for
flash and EEPROM via on-chip bootloader software.
 Includes ROM-based 32-bit integer division routines.
 Digital peripherals:
 Up to 22 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors, repeater mode, and open-drain mode.
 Up to 9 pins are configurable with a digital input glitch filter for removing glitches
with widths of 10 ns. Two pins are configurable for 20ns glitch filter and another
two pins are configurable for 50 ns glitch filters.
 GPIO pins can be used as edge and level sensitive interrupt sources.
 High-current source output driver (20 mA) on one pin (P0_21).
 High-current sink driver (20 mA) on true open-drain pins (P0_2 and P0_3).
 Two general-purpose counter/timers with a total of up to four capture inputs and
five match outputs.
 Programmable Windowed WatchDog Timer (WWDT) with a dedicated, internal
low-power WatchDog Oscillator (WDOsc).
 Analog peripherals:
 Metrology engine for smart metering with one voltage input, one bias input, from
two up to six current inputs and a temperature sensor.
 Internal voltage reference.
 10-bit DAC with flexible conversion triggering.
 Serial interfaces:
 USART with fractional baud rate generation, internal FIFO, support for
RS-485/9-bit mode and synchronous mode.
 One SSP controller with FIFO and multi-protocol capabilities.
 I2C-bus interface supporting the full I2C-bus specification and Fast-mode Plus with
a data rate of 1 Mbit/s with multiple address recognition and monitor mode.
 Clock generation:
 Crystal Oscillator (SysOsc) with an operating range of 1 MHz to 25 MHz.
 12 MHz internal RC Oscillator (IRC) trimmed to 1 % accuracy that can optionally be
used as a system clock.
 Internal low-power, Low-Frequency Oscillator (LFOsc) with programmable
frequency output.
 Clock input for external system clock (25 MHz typical).
 PLL allows CPU operation up to the maximum CPU rate with the IRC, the external
clock, or the SysOsc as clock sources.
 Clock output function with divider that can reflect the SysOsc, the IRC, the main
clock, or the LFOsc.
 Power control:
 Supports ARM Cortex-M0 Sleep mode as reduced power mode.
 Power profiles residing in boot ROM allowed to optimize performance and
minimize power consumption for any given application through one simple function
call.
 Processor wake-up from reduced power mode using any interrupt.
 Power-On Reset (POR).
 BrownOut Detect (BOD) with two separate programmable thresholds for interrupt
and one hardware controlled reset trip point.
 POR and BOD are always enabled for rapid UVLO protection against power supply
voltage drops below 2.4 V.
 Unique device serial number for identification.
 Single 3.3 V power supply (2.6 V to 3.6 V).
 Temperature range 40 C to +85 C.
 Available as a 33-pin HVQFN 7 mm  7 mm  0.85 mm package.

Applications
 Smart plugs and plug meters
 Single phase residential meters
 Industrial submeters
 Server power monitoring
 Smart appliances




Similar Part No. - EM783

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM780FP16AS-45LF EMLSI-EM780FP16AS-45LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-45LL EMLSI-EM780FP16AS-45LL Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LF EMLSI-EM780FP16AS-70LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AS-70LL EMLSI-EM780FP16AS-70LL Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM780FP16AW-45LF EMLSI-EM780FP16AW-45LF Datasheet
72Kb / 11P
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Similar Description - EM783

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
logo
NXP Semiconductors
EM773 NXP-EM773 Datasheet
868Kb / 45P
Energy metering IC; up to 32 kB flash and 8 kB SRAM
Rev. 1-1 September 2010
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
EM773 PHILIPS-EM773_12 Datasheet
882Kb / 51P
Energy metering IC; up to 32 kB flash and 8 kB SRAM
Rev. 2-3 January 2012
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
logo
NXP Semiconductors
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com