Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471Q Datasheet (PDF) - NXP Semiconductors

FXLS8471Q Datasheet PDF - NXP Semiconductors
Part # FXLS8471Q
Download  FXLS8471Q Download
File Size   1400.25 Kbytes
Page   86 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-Axis, Linear Accelerometer

FXLS8471Q Datasheet (PDF)

Go To PDF Page Download Datasheet
FXLS8471Q Datasheet PDF - NXP Semiconductors

Part # FXLS8471Q
Download  FXLS8471Q Click to download

File Size   1400.25 Kbytes
Page   86 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3-Axis, Linear Accelerometer

FXLS8471Q Datasheet (HTML) - NXP Semiconductors


FXLS8471Q Product details

General description
FXLS8471Q is a small, low-power, 3-axis, linear accelerometer in a
3 mm x 3 mm x 1 mm QFN package. FXLS8471Q has dynamically selectable
acceleration full-scale ranges of ±2 g/±4 g/±8 g and 14 bits of resolution. Output data
rates (ODR) are programmable from 1.563 Hz to 800 Hz. I2C and SPI serial digital
interfaces are provided along with several user programmable event detection functions
that can be used to reduce the overall system power consumption by off-loading the host
processor. FXLS8471Q is guaranteed to operate over the extended temperature range of
–40 °C to +105 °C.

Features and benefits
• 1.95 V to 3.6 V VDD supply voltage, 1.62 V to 3.6 V VDDIO voltage
• ±2 g/±4 g/±8 g dynamically selectable acceleration full-scale ranges
• Output Data Rates (ODR) from 1.563 Hz to 800 Hz
• Low noise: typically 99 μg/Hz in low-noise mode @ 200-Hz bandwidth
• 14-bit ADC resolution: 0.244 mg/LSB in ±2 g full-scale range
• Embedded programmable acceleration event functions
– Freefall and motion detection
– Transient detection
– Vector-Magnitude change detection
– Pulse and tap detection (single and double)
– Orientation detection (portrait/landscape)
• Programmable automatic ODR change using Auto-Wake and return to Sleep functions
to save power
• 192-byte FIFO buffer, capable of storing up to 32 samples of X/Y/Z data
• Supports SPI interface at up to 1 MHz; I2C Normal (100 kHz) and Fast modes
(400 kHz)
• Integrated self-test function
• Integrated temperature sensor with 8-bit output resolution

Typical applications
Automotive convenience and security
• Tilt sensing, orientation detection, vibration sensing
• Navigation applications
Industrial IOT
• Asset tracking
• Equipment monitoring: vibration analysis, machine health
Medical
• Patient and activity monitors
Consumer devices
• Wearables
• Portable electronics




Similar Part No. - FXLS8471Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
FXLS8471Q FREESCALE-FXLS8471Q Datasheet
576Kb / 75P
Linear Accelerometer
FXLS8471QR1 FREESCALE-FXLS8471QR1 Datasheet
576Kb / 75P
Linear Accelerometer
More results


Similar Description - FXLS8471Q

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
3-axis accelerometer
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
3-axis accelerometer
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3672 MEMSIC-MC3672 Datasheet
1Mb / 83P
3-Axis Accelerometer
APS-045-0018 v1.4
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3419 MEMSIC-MC3419 Datasheet
1Mb / 80P
3-Axis Accelerometer
APS-048-0071v1.2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
MC3630 MEMSIC-MC3630 Datasheet
1Mb / 84P
3-Axis Accelerometer
APS-048-0047 v1.8
MC3632 MEMSIC-MC3632 Datasheet
1Mb / 84P
3-Axis Accelerometer
APS-048-0056 v1.4
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
3-Axis Accelerometer
APS-048-0044 v1.9
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com