Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL1655 Datasheet (PDF) - NXP Semiconductors

GTL1655 Datasheet PDF - NXP Semiconductors
Part # GTL1655
Download  GTL1655 Download
File Size   133.12 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion

GTL1655 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTL1655 Datasheet PDF - NXP Semiconductors

Part # GTL1655
Download  GTL1655 Click to download

File Size   133.12 Kbytes
Page   23 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion

GTL1655 Datasheet (HTML) - NXP Semiconductors


GTL1655 Product details

Description
The GTL1655 is a 16-bit bus transceiver that incorporates HIGH-drive
LOW-output-impedance (100 mA/12 W) with LVTTL-to-GTL/GTL+ and
GTL/GTL+-to-LVTTL logic level translation.
The device is configured as two 8-bit transceivers that share a common clock and a
master output enable pin, but also have individual latch timing and output enable
signals. D-type flip-flops and D-type latches enable three modes of data transfer;
Clocked, Latched, or Transparent. The GTL1655 provides the ideal interface between
cards operating at LVTTL levels and backplanes using GTL/GTL+ signal levels. The
combination of reduced output swing, reduced input threshold levels and configurable
edge control provides the higher speed operation of GTL/GTL+ backplanes.
The GTL1655 can be used at GTL (VTT = 1.2 V, VREF = 0.8 V) or GTL+ (VTT = 1.5 V,
VREF = 1.0 V) signalling levels. Port A and the control inputs are compliant with
LVTTL signal levels and are 5 V tolerant. Port B is designed to operate at GTL or
GTL+ signal levels, with VREF providing the reference voltage input.
The latch enable pins (nLEAB and nLEBA), the output enable pins (nOEAB, nOEBA)
and the clock pin (CP) are used to control the data flow through the two 8-bit
transceivers (n = 1 or 2). When nLEAB is set HIGH, the device will operate in the
transparent mode Port A to Port B. HIGH-to-LOW transitions of nLEAB will latch A
data independently of CP HIGH or LOW (latched mode). LOW-to-HIGH transitions of
CP will clock A data to the B port if nLEAB is LOW (clocked mode). Using the control
pins nLEBA, nOEBA and CP in the same way, data flow from Port B to Port A can be
controlled. The OE pin can be used to disable all of the I/O pins.
To optimize signal integrity, the GTL1655 features an adjustable edge rate control
(VERC). By adjusting VERC between GND and VCC, a designer can adjust the Port B
edge rate to suit an application’s load conditions.
The GTL1655 permits true live insertion capability by incorporating:
• BIAS VCC, to pre-charge outputs and avoid disturbing active data during card
insertion.
• Ioff to disable current flow through powered-off I/Os.
• Power-up 3-state, which ensures outputs are high-impedance during power-up,
thus preventing bus contention issues. Once VCC is above 1.5 V, the power-up
3-state circuit relinquishes control of the outputs to the OE pin. To ensure the
outputs remain 3-state, the OE pin should be tied to VCC via a pull-up resistor.

Features
- Combination of D-type latches and D-type flip-flops for transceiver operation in
clocked, latched or transparent mode
- Logic level translation between LVTTL and GTL/GTL+ signals
- HIGH-drive LOW-output-impedance (100 mA/12 W) on Port B
- Configurable rise and fall times on Port B
- Supports live insertion (Ioff, Power-up 3-state, and BIAS VCC)
- Bus Hold on Port A inputs
- Over voltage tolerance on Port A
- Minimized switching noise through use of distributed VCC and GND pins
- Available in TSSOP64 package
- Industrial temperature range (-40 °C to +85 °C)
- ESD protection
- HBM EIA/JESD22-A114-A exceeds 2000 V
- CDM EIA/JESD22-C101 exceeds 1000 V
- Latch-up EIA/JEDS78 exceeds 200 mA




Similar Part No. - GTL1655

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
More results


Similar Description - GTL1655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
18-Oct-2004
logo
Texas Instruments
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com