Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5232D Datasheet (PDF) - NXP Semiconductors

SA5232D Datasheet PDF - NXP Semiconductors
Part # SA5232D
Download  SA5232D Download
File Size   96.47 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Matched dual high-performance low-voltage operational amplifier

SA5232D Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5232D Datasheet PDF - NXP Semiconductors

Part # SA5232D
Download  SA5232D Click to download

File Size   96.47 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Matched dual high-performance low-voltage operational amplifier

SA5232D Datasheet (HTML) - NXP Semiconductors


SA5232D Product details

DESCRIPTION
The NE/SA/AU5232 is a matched, low voltage, high performance
dual operational amplifier. Among its unique input and output
characteristics is the capability for both input and output rail-to-rail
operation, particularly critical in low voltage applications. The output
swings to less than 50 mV of both rails across the entire power
supply range. The NE/SA/AU5232 is capable of delivering 5.5 V
peak-to-peak across a 600 W load and will typically draw only
700 mA per amplifier. The bandwidth is 2.5 MHz and the 1% settling
time is 1.4 ms.

FEATURES
• Wide common-mode input voltage range: 250 mV beyond both
rails
• Output swing within 50 mV of both rails
• Functionality to 1.8 V typical
• Low current consumption: 700 mA per amplifier
• ±15 mA output current capability
• Unity gain bandwidth: 2.5 MHz
• Slew rate: 0.8 V/ms
• Low noise: 33 nV//Hz
• Electrostatic discharge protection
• Short-circuit protection
• Output inversion prevention

APPLICATIONS
• Automotive electronics
• Signal conditioning and sensing amplification
• Portable instrumentation
– Test and measurement
– Medical monitors and diagnostics
– Remote meters
• Audio equipment
• Security systems
• Communications
– Pagers
– Cellular telephone
– LAN
– 5 V Datacom bus
• Error amplifier in motor drives
• Transducer buffer amplifier




Similar Part No. - SA5232D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5232D PHILIPS-SA5232D Datasheet
91Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
More results


Similar Description - SA5232D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5234 PHILIPS-NE5234 Datasheet
72Kb / 4P
Matched quad high-performance low-voltage operational amplifier
August 31, 1994
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
High Performance Dual Low Noise Operational Amplifier
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
Fairchild Semiconductor
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
High Performance Dual Low Noise Operational Amplifier
logo
Analog Devices
OP-04 AD-OP-04 Datasheet
468Kb / 8P
DUAL MATCHED HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
Dual, Low Noise, High Performance Operational Amplifier
July 1994
logo
Analog Devices
OP-14 AD-OP-14_15 Datasheet
826Kb / 8P
DUAL MATCHED HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
High Performance, Low Noise Dual Operational Amplifier
2019.06.13
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com