Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G07Q Datasheet (PDF) - Diodes Incorporated

74LVC1G07Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G07Q
Download  74LVC1G07Q Download
File Size   523.37 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER WITH OPEN DRAIN OUTPUT

74LVC1G07Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G07Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G07Q
Download  74LVC1G07Q Click to download

File Size   523.37 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER WITH OPEN DRAIN OUTPUT

74LVC1G07Q Datasheet (HTML) - Diodes Incorporated


74LVC1G07Q Product details

Features
 Grade 1 Ambient Temperature Operation: -40°C to +125°C
 Wide Supply Voltage Range from 1.65V to 5.5V
 24mA Sink Current at 3.3V
 CMOS Low Power Consumption
 IOFF Supports Partial-Power-Down Mode Operation
 Inputs Accept up to 5.5V Regardless of VCC Level
 ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
 Latch-Up Exceeds 100mA (AEC-Q100-004)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The 74LVC1G07Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power Down Signal Isolation
 Wide Array of Products such as:
 Automotive applications within Grade 1 Temperature
Range
 Industrial Computing/Controls/Automation
 High Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G07Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G07QDBVRQ1G4 TI2-74LVC1G07QDBVRQ1G4 Datasheet
1Mb / 26P
SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
REVISED JUNE 2025
74LVC1G07QDBVRQ1G4.A TI2-74LVC1G07QDBVRQ1G4.A Datasheet
1Mb / 26P
SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
REVISED JUNE 2025
74LVC1G07QDBVRQ1G4.B TI2-74LVC1G07QDBVRQ1G4.B Datasheet
1Mb / 26P
SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
REVISED JUNE 2025
More results


Similar Description - 74LVC1G07Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com