Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G34Q Datasheet (PDF) - Diodes Incorporated

74LVC1G34Q Datasheet PDF - Diodes Incorporated
Part # 74LVC1G34Q
Download  74LVC1G34Q Download
File Size   518.8 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER GATE

74LVC1G34Q Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G34Q Datasheet PDF - Diodes Incorporated

Part # 74LVC1G34Q
Download  74LVC1G34Q Click to download

File Size   518.8 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BUFFER GATE

74LVC1G34Q Datasheet (HTML) - Diodes Incorporated


74LVC1G34Q Product details

Features
 Grade 1 Ambient Temperature Operation: -40°C to +125°C
 Wide Supply Voltage Range from 1.65V to 5.5V
 ± 24mA Output Drive at 3.3V
 CMOS Low Power Consumption
 IOFF Supports Partial-Power-Down Mode Operation
 Inputs Accept up to 5.5V Regardless of VCC Level
 ESD Protection Tested per AEC-Q100
 Exceeds 2000V Human Body Model (AEC-Q100-002)
 Exceeds 1000V Charged Device Model (AEC-Q100-011)
 Latch-Up Exceeds 100mA (AEC-Q100-004)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The 74LVC1G34Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Voltage Level Shifting
 General Purpose Logic
 Power Down Signal Isolation
 Wide Array of Products such as:
 Automotive Applications within Grade 1 Temperature
Range
 Industrial Computing/Controls/Automation
 High Reliability Networking/Communications
 Industrial/Agricultural Equipment




Similar Part No. - 74LVC1G34Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
Single buffer
Rev. 02-21 May 2007
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Silicon Supplies
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
logo
Nexperia B.V. All right...
74LVC1G34 NEXPERIA-74LVC1G34 Datasheet
271Kb / 18P
Single buffer
Rev. 9 - 18 January 2022
logo
TECH PUBLIC Electronics...
74LVC1G34 TECHPUBLIC-74LVC1G34 Datasheet
3Mb / 8P
SINGLE BUFFER GATE
More results


Similar Description - 74LVC1G34Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
SINGLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
SINGLE BUFFER GATE
Rev 1
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
SINGLE BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
SINGLE BUFFER GATE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com