Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS10 Datasheet (PDF) - Diodes Incorporated

ABS10 Datasheet PDF - Diodes Incorporated
Part # ABS10
Download  ABS10 Download
File Size   291.38 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER

ABS10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS10 Datasheet PDF - Diodes Incorporated

Part # ABS10
Download  ABS10 Click to download

File Size   291.38 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER

ABS10 Datasheet (HTML) - Diodes Incorporated


ABS10 Product details

FEATURES
• Glass Passivated Chip Junction
• Reverse Voltage – 1000V
• Forward Current – 1A
• High Surge Current Capability
• Designed for Surface Mount Application
• UL recognized file#E364304
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device
(Note 3)

MECHANICAL DATA
• Package Material: ABS
• Package Material: Green molding compound, UL
flammability classification 94V-0, (No Br. Sb. Cl.)
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 88 mg (Approximate)




Similar Part No. - ABS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS10 ETC1-ABS10 Datasheet
451Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Abracon Corporation
ABS10 ABRACON-ABS10 Datasheet
242Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
logo
Taiwan Semiconductor Co...
ABS10 TSC-ABS10 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS10 TSC-ABS10 Datasheet
244Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Diotech Company.
ABS10 DIOTECH-ABS10 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
More results


Similar Description - ABS10

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jingheng (Group) ...
B1S JINANJINGHENG-B1S_17 Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com