Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS31 Datasheet (PDF) - NXP Semiconductors

BAS31 Datasheet PDF - NXP Semiconductors
Part # BAS31
Download  BAS31 Download
File Size   90.99 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose controlled avalanche double diodes

BAS31 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS31 Datasheet PDF - NXP Semiconductors

Part # BAS31
Download  BAS31 Click to download

File Size   90.99 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose controlled avalanche double diodes

BAS31 Datasheet (HTML) - NXP Semiconductors


BAS31 Product details

DESCRIPTION
General purpose switching diodes fabricated in planar technology, and encapsulated in small rectangular plastic SMD SOT23 packages.
The BAS29 consists of a single diode.
The BAS31 has two diodes in series.
The BAS35 has two diodes with a common anode.

FEATURES
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
   max. 90 V
• Repetitive peak reverse voltage:
   max. 110 V
• Repetitive peak forward current:
   max. 600 mA
• Repetitive peak reverse current:
   max. 600 mA.

APPLICATIONS
• General purpose switching in e.g.
   surface mounted circuits.




Similar Part No. - BAS31

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS31 TRSYS-BAS31 Datasheet
161Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Jinan Gude Electronic D...
BAS31 JGD-BAS31 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
High Voltage General Purpose Diode
logo
TRANSYS Electronics Lim...
BAS31 TEL-BAS31 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Guangdong Kexin Industr...
BAS31 KEXIN-BAS31 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
More results


Similar Description - BAS31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD17 PHILIPS-BYD17 Datasheet
54Kb / 8P
General purpose controlled avalanche rectifiers
1999 Nov 11
logo
Guangdong Kexin Industr...
KAS29 KEXIN-KAS29 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
logo
NXP Semiconductors
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
CONTROLLED AVALANCHE DIODES
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
logo
Nexperia B.V. All right...
BAS29 NEXPERIA-BAS29 Datasheet
331Kb / 10P
General purpose controlled avalanche (double) diodes
2003 Mar 20
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com