Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS4 Datasheet (PDF) - NXP Semiconductors

BAS4 Datasheet PDF - NXP Semiconductors
Part # BAS4
Download  BAS4 Download
File Size   49.42 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-leakage diode

BAS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS4 Datasheet PDF - NXP Semiconductors

Part # BAS4
Download  BAS4 Click to download

File Size   49.42 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-leakage diode

BAS4 Datasheet (HTML) - NXP Semiconductors


BAS4 Product details

DESCRIPTION
Epitaxial medium-speed switching diode with a low leakage current in a small SOT23 plastic SMD package.

FEATURES
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 µs
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.

APPLICATION
• Low leakage current applications in surface mounted circuits.




Similar Part No. - BAS4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS4 MOTOROLA-BAS4 Datasheet
73Kb / 4P
CASE 318-08, STYLE 8 SOT-23 TO-236AB
logo
General Semiconductor
BAS4 GE-BAS4 Datasheet
51Kb / 2P
Schottky Diodes
logo
Microsemi Corporation
BAS4 MICROSEMI-BAS4 Datasheet
122Kb / 2P
SCHOTTKY array??SERIES
logo
Infineon Technologies A...
BAS4 INFINEON-BAS4 Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
More results


Similar Description - BAS4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Central Semiconductor C...
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS45A PHILIPS-BAS45A_15 Datasheet
122Kb / 8P
Low-leakage diode
1996 Mar 13
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com