Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300390385 Datasheet (PDF) - Molex Electronics Ltd.

1300390385 Datasheet PDF - Molex Electronics Ltd.
Part # 1300390385
Download  1300390385 Download
File Size   37.05 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-Change Terminator, Female with Resistor, 5 Pole

1300390385 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300390385 Datasheet PDF - Molex Electronics Ltd.

Part # 1300390385
Download  1300390385 Click to download

File Size   37.05 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-Change Terminator, Female with Resistor, 5 Pole

1300390385 Datasheet (HTML) - Molex Electronics Ltd.


1300390385 Product details

General
Product Family Field Attachable / Accessories
Series 130039
IP Rating IP67
Material - Contact Copper Alloy
Overview Brad Micro-Change (M12) Connectors
Product Name Micro-Change (M12)
Taxonomy Circular Industrial Connectors
Type Terminator
UPC 78678830952




Similar Part No. - 1300390385

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300390382 MOLEX-1300390382 Datasheet
39Kb / 1P
Micro-Change Terminator, Male Standard with Resistor, 5 Pole
03/17/2023
1300390386 MOLEX-1300390386 Datasheet
30Kb / 1P
Micro-Change Terminator, Female with Jumpers, 5 Pole
09/01/2022
More results


Similar Description - 1300390385

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200010662 MOLEX-1200010662 Datasheet
34Kb / 1P
Micro-Change Female Terminator Resistor with CC-Link Connection, 4 Pole
0848549300 MOLEX-0848549300 Datasheet
27Kb / 1P
Micro-Change Bulkhead 5 Pole Male/Female, meets NMEA 2000®
11/02/2022
0845860018 MOLEX-0845860018 Datasheet
41Kb / 1P
Micro-Change (M12) Terminator Resistor, Male 5 Poles, meets NMEA 2000
04/05/2023
0845860019 MOLEX-0845860019 Datasheet
41Kb / 1P
Micro-Change (M12) Terminator Resistor, Female 5 Poles, meets NMEA 2000
03/20/2023
0848549317 MOLEX-0848549317 Datasheet
26Kb / 1P
Micro-Change (M12) 5 Circuit, Female Terminator Field Attachable, meets NMEA 2000
03/23/2023
0848549319 MOLEX-0848549319 Datasheet
26Kb / 1P
Micro-Change Inline terminator Resistor, meets NMEA 2000
03/21/2023
1200390001 MOLEX-1200390001 Datasheet
28Kb / 1P
Micro-Change DeviceNet Male Terminator, 5 Pole with LEDs
03/20/2023
1200390003 MOLEX-1200390003 Datasheet
34Kb / 1P
Micro-Change DeviceNet Female Terminator, 5 Pole with LEDs
03/10/2023
1300390382 MOLEX-1300390382 Datasheet
39Kb / 1P
Micro-Change Terminator, Male Standard with Resistor, 5 Pole
03/17/2023
1300390386 MOLEX-1300390386 Datasheet
30Kb / 1P
Micro-Change Terminator, Female with Jumpers, 5 Pole
09/01/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com