Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2069-03GI Datasheet (PDF) - Renesas Technology Corp

MK2069-03GI Datasheet PDF - Renesas Technology Corp
Part # MK2069-03GI
Download  MK2069-03GI Download
File Size   388.61 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION

MK2069-03GI Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2069-03GI Datasheet PDF - Renesas Technology Corp

Part # MK2069-03GI
Download  MK2069-03GI Click to download

File Size   388.61 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION

MK2069-03GI Datasheet (HTML) - Renesas Technology Corp


MK2069-03GI Product details

Features
• Wide range VCXO PLL feedback divider allows high
frequency multiplication ratios and the input of very low
input reference frequencies
• Input clock frequency of <1kHz to 27MHz
• Output clock frequency of 500kHz to 160MHz
• PLL lock status output
• VCXO-based clock generation offers very low jitter and
phase noise generation, even with low frequency or jittery
input clock.
• PLL Clear function (CLR input) allows the VCXO to
free-run, offering a short term holdover function.
• 2nd PLL provides frequency translation of VCXO PLL to
higher or alternate output frequencies.
• Device will free-run in the absence of an input clock (or
stopped input clock) based on the VCXO frequency
pulled to minimum frequency limit.
• Low power CMOS technology
• 56-pin TSSOP package
• Single 3.3V power supply




Similar Part No. - MK2069-03GI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2069-03GI ICST-MK2069-03GI Datasheet
339Kb / 19P
VCXO-Based Clock Translator with High Multiplication
Revision 050203
logo
Integrated Device Techn...
MK2069-03GI IDT-MK2069-03GI Datasheet
397Kb / 21P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Integrated Circuit Syst...
MK2069-03GITR ICST-MK2069-03GITR Datasheet
339Kb / 19P
VCXO-Based Clock Translator with High Multiplication
Revision 050203
logo
Integrated Device Techn...
MK2069-03GITR IDT-MK2069-03GITR Datasheet
397Kb / 21P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
More results


Similar Description - MK2069-03GI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
VCXO-Based Frame Clock Frequency Translator
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
VCXO-Based Line Card Clock Synchronizer
Revision 050203
MK2069-03 ICST-MK2069-03 Datasheet
339Kb / 19P
VCXO-Based Clock Translator with High Multiplication
Revision 050203
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
VCXO-Based Universal Clock Translator
Revision 050203
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Crystek Corporation
CVH-731_751 CRYSTEKCRYSTAL-CVH-731_751 Datasheet
570Kb / 3P
Straight Multiplication HCMOS VCXO
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
VCXO USING FREQUENCY MULTIPLICATION
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com