Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1388 Datasheet (PDF) - Diodes Incorporated

AH1388 Datasheet PDF - Diodes Incorporated
Part # AH1388
Download  AH1388 Download
File Size   469.93 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH

AH1388 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1388 Datasheet PDF - Diodes Incorporated

Part # AH1388
Download  AH1388 Click to download

File Size   469.93 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH

AH1388 Datasheet (HTML) - Diodes Incorporated


AH1388 Product details

Features
 Two Monolithic Unipolar Hall Switches
 Operation with a North Pole (Output1) to Part Marking Surface
 Operation with a South Pole (Output2) to Part Marking Surface
 Supply Voltage of 1.6V to 3.6V
 Micropower Operation
 Dual Outputs for Independent Pole Detection for Design Flexibility
 Internal Pull-Up and Pull-Down Capability
 Chopper Stabilized Design
 Superior Temperature Stability
 Extremely Low Switch-Point Drift
 Insensitive to Physical Stress
 Good RF Noise Immunity
 Operating Temperature Range: -40C to +85C
 1.5kV ESD on Supply and Output Pins
 Small Low Profile: X2-DFN1410-4
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please contact
us or your local Diodes representative.

Applications
 Smart Cover or Dock Detect for Cellular Phones and Tablet
 Position Detect for Digital Still, Video Cameras and Handheld
Gaming Consoles
 Door, Lids and Tray Position Detect Switches Home Appliances
and Industrial Applications
 Level, Proximity and Position Switches
 Contact-Less Switches in Home Appliances and Industrial
Applications




Similar Part No. - AH1388

ManufacturerPart #DatasheetDescription
logo
ABB
AH138-M ABB-AH138-M Datasheet
107Kb / 1P
HANGER WIRE/CHAIN; Clip Type:-; Clip Diameter:-; Mounting Hole Dia:-; Product Range:
AH138-MR ABB-AH138-MR Datasheet
107Kb / 1P
HANGER WIRE/CHAIN; Clip Type:-; Clip Diameter:-; Mounting Hole Dia:-; Product Range:
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
Rev 2
AH1389-HK4-7 DIODES-AH1389-HK4-7 Datasheet
528Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
Rev 2
More results


Similar Description - AH1388

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1885 DIODES-AH1885 Datasheet
97Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1885 Rev. 1
AH1883 DIODES-AH1883_11 Datasheet
228Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Rev 6
logo
Advanced Power Electron...
APE9105 A-POWER-APE9105 Datasheet
115Kb / 6P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Diodes Incorporated
AH1389 DIODES-AH1389 Datasheet
528Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
Rev 2
AH1390 DIODES-AH1390 Datasheet
499Kb / 9P
ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
October 2019
logo
Major-Power Technology ...
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7002 MPOWER-MA7002 Datasheet
175Kb / 2P
Ultra-sensitive Hall Effect Switch
Rev.1.2
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com